Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT42WS-G3-08 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
BAT42WS-G3-08 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 4 page BAT42WS-G, BAT43WS-G www.vishay.com Vishay Semiconductors Rev. 1.2, 14-Oct-16 2 Document Number: 85238 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Pulse test; tp 300 μs, tp/T < 0.02 TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) Fig. 1 - Admissible Power Dissipation vs. Ambient Temperature Fig. 2 - Typical Forward Characteristics Fig. 3 - Typical Reverse Characteristics Fig. 4 - Typical Capacitance vs. Reverse Voltage ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Reverse breakdown voltage IR = 100 μA (pulsed) V(BR) 30 V Leakage current (1) VR = 25 V IR 0.5 μA VR = 25 V, Tj = 100 °C IR 100 μA Forward voltage (1) IF = 200 mA VF 1000 mV IF = 10 mA BAT42WS-G VF 400 mV IF = 50 mA BAT42WS-G VF 650 mV IF = 2 mA BAT43WS-G VF 260 330 mV IF = 15 mA BAT43WS-G VF 450 mV Diode capacitance VR = 1 V, f = 1 MHz CD 7pF Reverse recovery time IF = 10 mA, IR = 100 mA, iR = 1 mA, RL = 100 trr 5ns 20981 T amb - Ambient Temperature (°C) 250 200 150 100 50 50 100 150 0 0 18443 1200 1000 800 600 400 200 0 1000 100 10 1 0.1 0.01 VF - Instantaneous Forward Voltage (mV) 25 °C 125 °C - 40 °C 1000 100 10 1 0.1 0.01 18444 0 1020 3040 50 VR - Reverse Voltage (V) 125 °C 100 °C 75 °C 50 °C 25 °C 18445 14 12 10 8 6 4 2 0 010 20 30 VR - Reverse Voltage (V) 515 25 |
Número de pieza similar - BAT42WS-G3-08 |
|
Descripción similar - BAT42WS-G3-08 |