Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2491DGS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2491DGS
Descripción Electrónicos  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2491DGS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2491DGS Datasheet HTML 4Page - Texas Instruments TPS2491DGS Datasheet HTML 5Page - Texas Instruments TPS2491DGS Datasheet HTML 6Page - Texas Instruments TPS2491DGS Datasheet HTML 7Page - Texas Instruments TPS2491DGS Datasheet HTML 8Page - Texas Instruments TPS2491DGS Datasheet HTML 9Page - Texas Instruments TPS2491DGS Datasheet HTML 10Page - Texas Instruments TPS2491DGS Datasheet HTML 11Page - Texas Instruments TPS2491DGS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
A
B
A
2B
S
V (DS)
Detector
Enable
Constant
Power
Engine
_
+
50 mV max
Charge
Pump
22 mA
Gate Control
Amplifier
4 V
Reference
14 V
2 mA
S
+
+
I (D)
Detector
_
+
9 mS
Deglitch
Inrush
Complete
Power/Current
Amplifier
25 mA
Fault
Logic
_
+
4 V
and
1 V
2.5 mA
Timer
For Autoretry Opion with
Duty Cycle of 0.75%
_
+
_
+
UVLO
Enable
POR
8.4 V and
8.3 V
1.35 V and
1.25 V
10
VCC
3
PROG
9
SENSE
1
EN
5
GND
4
TIMER
6
PG
7
OUT
8
GATE
2
VREF
2.25 V and
1.25 V
Enable
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Device enable
VREF
2
O
Reference voltage output, used to set power threshold on PROG pin
PROG
3
I
Power-limit setting input
TIMER
4
I/O
Fault timing capacitor
GND
5
Ground
PG
6
O
Power good reporting output, open-drain
OUT
7
I
Output voltage feedback
GATE
8
O
Gate output
SENSE
9
I
Current-limit sense input
VCC
10
I
Supply input
8


Número de pieza similar - TPS2491DGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2491DGS TI-TPS2491DGS Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491DGS TI-TPS2491DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491DGS TI1-TPS2491DGS Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2491DGSG4 TI-TPS2491DGSG4 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491DGSG4 TI-TPS2491DGSG4 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Descripción similar - TPS2491DGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com