Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPH090F Datasheet(PDF) 3 Page - StarHope

No. de pieza SPH090F
Descripción Electrónicos  Gas Discharge Tube SPH Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPSEMI [StarHope]
Página de inicio  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPH090F Datasheet(HTML) 3 Page - StarHope

  SPH090F Datasheet HTML 1Page - StarHope SPH090F Datasheet HTML 2Page - StarHope SPH090F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPSEMI
REV 2016 12 12
..
.
www.spsemi.cn
Page 3 of 3
Surge Characteristics
Test Item
Surge withstand capability
Surge life test
In the glass tube ends in 8/20 us surge tester, applying the model that
corresponds to the impact resistance current, time interval for the
60 s of plus or minus the test 5 times. Test the dc voltage,
insulation resistance, static capacitance and check the appearance.
Apply 10KV voltage charged in 1500pF condenser and
apply the current to the specimen,200 times at 10
seconds of intervals.
Test Method
Specification
DC spark-over voltage
JSE:
Vs/Vs
30%
△≦
Within standard mentioned in
Initial Characteristics.
Enviromental Characteristics
Test Item
Test Method
Specification
Cold resistance
After -40±3
(1000hrs) / room temp.,normal humidity(4 hrs)
cycle, measure the properties.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
After 125±2
(1000hrs) / room temp.,normal humidity(4 hrs)
cycle, measure the properties.
After 85±2
RH85%(1000hrs) / room temp.,normal humidity(4
hrs) cycle, measure the properties.
25 times repetition of cycle -40±3
(30 Min.),roon temp., (4 Min.), 125±2
(30Min.),
room temp., normal humidity(4hrs) .
Heat resistance
Temperature resistance
Temperature period
Tensile strength
Bending strength
Resistance to soldering
attachment
()
by solder dip
Resistance to soldering
heat
()
by solder dip
Apply 2.5kgs load approximately 30 seconds, then check
for pull-out and breaking of the lead wire.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
Bend the lead wire, with jig which radius is 0.75~0.8mm, at the point
of 2mm from the body, under 0.25 kgs load applied at the right angle
the direction of theamis and get the bent lead wire back to its
original poing after the procedure was repeated 2times.
Apply flux and immerse in molten solder, up to the point of
3mm from the body,for 5 sec. (235
±5
). Wash
℃℃
the leadwire and check for soldering adhesion.
Lead wire is evenly covered by
solder over 90%.
Apply flux and immerse in molten solder, up to the point of 3mm
from the body,for 5 sec. (235
±5
). Wash the leadwire
℃℃
and check forsoldering adhesion.)
Within standard mentioned in
Initial Characteristics.
GDT/SPH Series


Número de pieza similar - SPH090F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
StarHope
SPH090F SPSEMI-SPH090F Datasheet
706Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH090FA SPSEMI-SPH090FA Datasheet
677Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH090FA SPSEMI-SPH090FA Datasheet
647Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH090FS SPSEMI-SPH090FS Datasheet
677Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH090FS SPSEMI-SPH090FS Datasheet
647Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
More results

Descripción similar - SPH090F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
StarHope
GDT-SPH-G SPSEMI-GDT-SPH-G Datasheet
48Kb / 3P
   Gas Discharge Tube SPH-G Series
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com