Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3879 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
1N3879 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 9 page VS-1N3879(R), VS-1N3889(R) Series www.vishay.com Vishay Semiconductors Revision: 28-May-15 3 Document Number: 93144 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) JEDEC® registered values Note • The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC RECOVERY CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS 1N3879(R) TO 1N3883(R) 1N3889(R) TO 1N3893(R) UNITS Maximum reverse recovery time trr TJ = 25 °C, IF = 1 A to VR = 30 V, dIF/dt = 100 A/μs 150 150 ns TJ = 25 °C, dIF/dt = 25 A/μs, IFM = x rated IF(AV) 300 (1) 300 (1) Maximum peak recovery current IRM(REC) IFM = x rated IF(AV) 4 (1) 5 (1) - Maximum reverse recovery charge Qrr TJ = 25 °C, IF = 1 A to VR = 30 V, dIF/dt = 100 A/μs 400 350 nC TJ = 25 °C, dIF/dt = 25 A/μs, IFM = x rated IF(AV) 400 400 I FM t rr dir dt I RM(REC) Q rr t THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS 1N3879(R) TO 1N3883(R) 1N3889(R) TO 1N3893(R) UNITS Maximum junction operating temperature range TJ -65 to +150 °C Maximum storage temperature range TStg -65 to +175 Maximum thermal resistance, junction to case RthJC DC operation 2.5 2.0 °C/W Maximum thermal resistance, case to heatsink RthCS Mounting surface, smooth, flat and greased 0.5 Allowable mounting torque Not lubricated threads 1.5 + 0 - 10 % (13) N · m (lbf · in) Lubricated threads 1.2 + 0 - 10 % (10) Approximate weight 7g 0.25 oz. Case style JEDEC® DO-203AA (DO-4) R thJC CONDUCTION CONDUCTION ANGLE 1N3879(R) TO 1N3883(R) 1N3889(R) TO 1N3893(R) 1N3879(R) TO 1N3883(R) 1N3889(R) TO 1N3893(R) TEST CONDITIONS UNITS SINUSOIDAL CONDUCTION RECTANGULAR CONDUCTION 180° 0.58 0.46 0.33 0.26 TJ = 150 °C K/W 120° 0.60 0.48 0.58 0.46 60° 1.28 1.02 1.28 1.02 30° 2.20 1.76 2.20 1.76 |
Número de pieza similar - 1N3879 |
|
Descripción similar - 1N3879 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |