Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTV016 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza MTV016
Descripción Electrónicos  Enhanced On-Screen-Display Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

MTV016 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV016 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MYSON
TECHNOLOGY
MTV016
MTV016 Revision 2.0 01/01/1999
6/11
The internal RAM contains display and row control registers. The display registers have 240 locations
that are allocated between row 0/column 0 and row 9/column 23, as shown in Figure 5. Each display
register has a blink bit, and its corresponding character address on the ADDRESS byte and 2 color
selection bits on the ATTRIBUTE bytes. The row control register is allocated between columns 28 and
31 for rows 0 to 9; it is used to set character size and color attribute for each respective row. If double
width character is chosen, only even column characters may be displayed on-screen and the odd
column characters will be hidden.
COLUMN #
ROW #
0
23
24
27
28
31
0
1
8
9
DISPLAY
REGISTERS
RESERVED
ROW
CTRL REG
COLUMN #
0
2
3
5
6
8
9
11
12
17
ROW 10
WINDOW1
WINDOW2
WINDOW3
WINDOW4
FRAME
CTRL REG
Figure 5. Memory Map
Register Descriptions
(i) Display Register
ADDRESS BYTE
b7
b6
b5
b4
b3
b2
b1
b0
BLINK
CRADDR
BLINK - Enables a blinking effect when this bit is set to " 1 ". The blinking alternates every 32 frames.
CRADDR - Defines the display character address and graphic symbols in ROM.
ATTRIBUTE BYTE
b7
b6
b5
b4
b3
b2
b1
b0
CCS1
CCS0
-
-
-
-
-
-
CCS1, CCS0 - These bits are used to select character color. Color 1 will be selected if these bits are set
to 0/0, color 2 will be selected if these bits are set to 0/1, color 3 will be selected if these
bits are set to 1/0 and color 4 will be selected if these bits are set to 1/1. Color 1, color 2,
color 3 and color 4 are defined in the respective row control registers.


Número de pieza similar - MTV016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV018 ETC-MTV018 Datasheet
139Kb / 16P
   Super On-Screen-Display
More results

Descripción similar - MTV016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
   Enhanced Super On-Screen Display
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com