Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP1215 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza NCP1215
Descripción Electrónicos  Low Cost Variable OFF Time Switched Mode Power Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1215 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1215 Datasheet HTML 1Page - ON Semiconductor NCP1215 Datasheet HTML 2Page - ON Semiconductor NCP1215 Datasheet HTML 3Page - ON Semiconductor NCP1215 Datasheet HTML 4Page - ON Semiconductor NCP1215 Datasheet HTML 5Page - ON Semiconductor NCP1215 Datasheet HTML 6Page - ON Semiconductor NCP1215 Datasheet HTML 7Page - ON Semiconductor NCP1215 Datasheet HTML 8Page - ON Semiconductor NCP1215 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP1215
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values Tj = 25°C, for min/max values Tj = 0°C to +105°C, unless
otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
VOLTAGE FEEDBACK
Offset Voltage
Voffset
1.05
1.19
1.34
V
Maximum CT Pin Voltage at FB Current = 25
mA (Including Voffset)
VCT−25mA
2.4
3.1
4.3
V
Maximum CT Pin Voltage at FB Current = 50
mA (Including Voffset)
VCT−50mA
3.6
4.6
6.2
V
CT PIN − OFF TIME CONTROL
Source Current (CT Pin Grounded)
ICT
8.0
9.8
11.5
mA
Source Current Maximum Voltage Capability
VCT−max
6.5
V
Minimum CT Pin Voltage (Pin Unloaded, Discharge Switch Turned On)
VCT−min
20
mV
CURRENT SENSE
Minimum Source Current (IFB = 180 mA, CT Pin Grounded)
ICS−min
8.0
12.5
16
mA
Maximum Source Current (IFB = 0 mA, CT Pin Grounded)
ICS−max
40
49
58
mA
Comparator Threshold Voltage
Vth
15
42
80
mV
Propagation Delay (CS Falling Edge to Gate Output)
tdelay
215
310
ns
GATE DRIVE
Sink Resistance (Isink = 30 mA)
ROL
25
40
90
W
Source Resistance (Isource = 30 mA)
ROH
60
80
130
W
POWER SUPPLY
VCC Startup Voltage
Vstartup
12.5
14.2
V
Undervoltage Lockout Threshold Voltage
VUVLO
7.2
9.0
V
Hysteresis (Vstartup − VUVLO)
Vhys
2.2
3.5
V
VCC Startup Current Consumption (VCC = 8.0 V)
ICC−start
2.8
6.5
mA
VCC Steady State Current Consumption
(CGATE = 1.0 nF, fSW = 100 kHz, FB open)
ICC−SW
0.55
0.9
1.75
mA


Número de pieza similar - NCP1215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215A ONSEMI-NCP1215A Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1215ADR2 ONSEMI-NCP1215ADR2 Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215ADR2G ONSEMI-NCP1215ADR2G Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215ASNT1 ONSEMI-NCP1215ASNT1 Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
More results

Descripción similar - NCP1215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
logo
Monolithic Power System...
HFC0300 MPS-HFC0300 Datasheet
442Kb / 21P
   Variable Off Time Controller
logo
ON Semiconductor
NCL30100 ONSEMI-NCL30100 Datasheet
1Mb / 27P
   Fixed Off Time Switched Mode LED Driver Controller
June, 2010 -- Rev. 0
NCL30100 ONSEMI-NCL30100_11 Datasheet
1Mb / 27P
   nuFixed Off Time Switched Mode LED Driver Controller
January, 2011 ??Rev. 3
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
ON Semiconductor
NCP1351 ONSEMI-NCP1351 Datasheet
214Kb / 19P
   Variable Off Time PWM Controller
November, 2006 ??Rev. P2
NCP1351DPG ONSEMI-NCP1351DPG Datasheet
532Kb / 27P
   Variable Off Time PWM Controller
November, 2007 - Rev. 3
logo
Monolithic Power System...
EVHFC0300HS-00A MPS-EVHFC0300HS-00A Datasheet
348Kb / 12P
   Variable Off Time Controller EV Board
logo
NXP Semiconductors
TEA1623P NXP-TEA1623P Datasheet
434Kb / 20P
   STARplug switched mode power supply controller IC
Rev. 3-30 August 2010
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com