Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMCV-1812H-380 Datasheet(PDF) 1 Page - Abracon Corporation |
|
AMCV-1812H-380 Datasheet(HTML) 1 Page - Abracon Corporation |
1 / 4 page SMD Multilayer Chip Varistor AMCV-1812H STANDARD SPECIFICATIONS: APPLICATIONS: FEATURES: 4.5 x 3.2 x 2.5mm . RoHS Compliant ABRACON IS ISO 9001 / QS 9000 CERTIFIED ABRACON IS CERTIFIED 30332Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000| fax 949-546-8001 | www.abracon.com Revised: 11.24.12 Visit www.abracon.com for Terms & Conditions of Sale ISO 9001:2008 Operating Temperature: -55˚C ~ +85˚C Storage Temperature: -10˚C ~ +40˚C and RH 70% (Max.) • SMD type, small size suitable for high density mounting • Excellent clamping ratio and strong capability of voltage surge suppression • Excellent solderability (Ni, Sn plating) Unless otherwise specified, the standard atmospheric conditions for measurement/test as: a. Ambient Temperature: 20±15oC b. Relative Humidity: 65±20% c. Air Pressure: 86 kPa to 106 kPa Items Test Methods and Remarks Varistor Voltage at 1mA DC (VB) Measuring current: 1mA DC Duration: 0.2 to 2 sec Capacitance (C) Measure source: 1.0 VRMS Test frequency: 1kHz. Clamping Voltage (VC) Measuring source: 8/20us waveform • Transient voltage protection and voltage surge suppression for LED lighting • Suitable for LCD-TV, STB, Switch, Router, PLC, Security System, smart meters, mobile phones • Suppressing Induced / switching over-voltage caused by lightning and power • Protecting DC-DC Module, I/O ports, IC driver Part Number Max. Working Voltage Varistor Voltage Max. Clamping Voltage Rated Single Pulse Transient Typical Capacitance Test Condition <20μA @1mA DC 8/20μs ESD Energy 10/1000μs Peak Current 8/20μs @1Vrms, 1kHz DC AC RMS Units Volts Volts Volts Volts Amps Joules Amps pF Symbol VWDC VWAC VB VC IC ET IP CP AMCV-1812H-5R5 5.5 4.0 12.0 [10.0-14.0] 18 5.0 1.0 800 5500 AMCV-1812H-090 9 6.4 14.0 [12.0-16.0] 20 5.0 1.2 800 4800 AMCV-1812H-120 12 8.5 16.0 [13.0-19.0] 25 5.0 1.5 800 4200 AMCV-1812H-140 14 10.0 19.0 [16.0-22.0] 30 5.0 1.9 800 3800 AMCV-1812H-180 18 12.7 25.0 [22.0-28.0] 40 5.0 2.3 800 3200 AMCV-1812H-220 22 15.6 30.0 [26.0-34.0] 45 5.0 2.5 800 2400 AMCV-1812H-260 26 18.4 35.0 [31.0-38.0] 58 5.0 3.0 800 2000 AMCV-1812H-300 30 21.3 42.0 [37.0-46.0] 65 5.0 3.7 800 1500 AMCV-1812H-380 38 30.0 50.0 [46.0-54.0] 75 5.0 4.2 800 1100 AMCV-1812H-480 48 34.1 60.0 [54.0-67.0] 100 5.0 4.0 600 900 AMCV-1812H-560 56 40.0 68.0 [61.0-75.0] 120 5.0 4.3 600 800 AMCV-1812H-600 60 46.0 76.0 [69.0-83.0] 130 5.0 4.3 600 600 AMCV-1812H-650 65 50.0 82.0 [73.0-91.0] 140 5.0 4.0 600 500 AMCV-1812H-750 75 55.0 94.0 [85.0-103.0] 160 5.0 4.0 600 400 AMCV-1812H-850 85 60.0 100.0 [90.0-110.0] 170 5.0 4.0 600 300 AMCV-1812H-101 100 75.0 120.0 [108.0-132.0] 200 5.0 4.0 600 200 |
Número de pieza similar - AMCV-1812H-380 |
|
Descripción similar - AMCV-1812H-380 |