Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA24C1024LNF Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
SA24C1024LNF Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 27 page SA24C1024 Datasheet SAIFUN 10 100 kHz 400 kHz 1.7 MHz 3.4 MHz Symbol Parameter Min Max Min Max Min Max Min Max Units tRCL1 SCL Rise Time (after repeated START or after ACK bit) N/A N/A N/A 20 160 10 80 ns tSU:DAT Data In Setup Time 250 100 20 20 ns tHD:DAT Data In Hold Time 0 0 0 0 ns tDH Data Out Hold Time 200 100 0 0 ns TI Noise Suppression Time Constant at SCL, SDA Inputs (minimum VIN pulse width) 50 50 10 10 ns tAA SCL Low to SDA Data Out Valid 300 1 3500 100 1 900 0 170 0 85 ns tBUF Time the Bus Must Be Free Before a New Transmission Can Start 4700 1300 320 160 ns tWR Write Cycle Time 10 10 10 10 ms Endurance 1 Million 2 Cycles 1 The minimum value is defined in order to bridge the undefined part between VIH and VIL of the falling edge of SCL. The standard value is 0 ns. 2 This parameter is not tested but ensured by characterization. Bus Timing Figure 6. Bus Timing |
Número de pieza similar - SA24C1024LNF |
|
Descripción similar - SA24C1024LNF |