Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPAS10-D120I Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPAS10-D120I
Descripción Electrónicos  CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAS10-D120I Datasheet(HTML) 2 Page - Total Power International

  TPAS10-D120I Datasheet HTML 1Page - Total Power International TPAS10-D120I Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 177.5g (6.26 Oz.)
DERATING CHART
DUAL OUTPUT
VO1 ★@
VO2●
MODEL NO.
TYP.
VOLT.
TYP
VOLT.
TPAS10-D050E
1.00A
+5V
1.00A
-5V
TPAS10-D050I
1.00A
+5V
0.42A
+12V
TPAS10-D120I
0.42A
+12V
0.42A
-12V
TPAS10-D150K
0.34A
+15V
0.34A
-15V
TPAS10-D033E
1.51A
+3.3V
1.00A
-5V
SINGLE OUTPUT
VO1 ★@
MODEL NO.
TYP.
VOLT.
TPAS10G-S033250
2.50A
+3.3V
TPAS10G-S050200
2.00A
+5.0V
TPAS10G-S090111
1.11A
+9.0V
TPAS10G-S120085
0.85A
+12.0V
TPAS10G-S150067
0.67A
+15.0V
TPAS10G-S240041
0.41A
+24.0V
TRIPLE OUTPUT
VO1 @ ★
VO2 ●
VO3 ●
MODEL NO.
TYP.
VOLT.
TYP.
VOLT.
TYP.
VOLT.
TPAS10-T033II
1.51A
+3.3V
0.10A
+12V
0.10A
-12V
TPAS10-T050II
1.50A
+5.0V
0.10A
+12V
0.10A
-12V
TPAS10-T050KK
1.40A
+5.0V
0.10A
+15V
0.10A
-15V
Symbols: "★" OVP built-in.
"@" Adjustable.
"
" Installed with Post Regulator (P.R.).
Note: (1) Max. (maximum load) is the continuous operating load of each rail,
but the max. load of each rail can not be drawn from all outputs at the same time.
PIN ASSIGNMENT
PIN
NO.
SINGLE
O/P
DUAL
O/P(-VO2)
DUAL
O/P(+VO2)
TRIPLE
O/P
P1-1
L
L
L
L
P1-3
N
N
N
N
P1-2
G
G
G
G
P2-1
REMOTE
ON/OFF
REMOTE
ON/OFF
REMOTE
ON/OFF
REMOTE
ON/OFF
P2-2
DC COM
VO2
DC COM
+VO1RET
P2-3
DC COM
DC COM
DC COM
+VO1
P2-4
VO1
DC COM
VO1
+VO3
P2-5
VO1
VO1
VO2
DC COM
P2-6
NC
NC
NC
VO2


Número de pieza similar - TPAS10-D120I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
   GaAs DC-3 GHz SPDT Switch
More results

Descripción similar - TPAS10-D120I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HITRON ELECTRONICS CORP...
HAS10G-S HITRON-HAS10G-S Datasheet
185Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
logo
Total Power Internation...
TPAM15S TOTAL-POWER-TPAM15S_17 Datasheet
260Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES
logo
HITRON ELECTRONICS CORP...
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HASM10G-S HITRON-HASM10G-S Datasheet
184Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT MEDICAL APPLICATION AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
Total Power Internation...
TPAS50D TOTAL-POWER-TPAS50D_17 Datasheet
366Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
XP Power Limited
PBA50F-3 XPPOWER-PBA50F-3 Datasheet
214Kb / 5P
   AC-DC Chassis Mount
CPK600PS24 XPPOWER-CPK600PS24 Datasheet
829Kb / 4P
   AC-DC Chassis Mount
CPB600PS3V3 XPPOWER-CPB600PS3V3 Datasheet
366Kb / 2P
   AC-DC Chassis Mount
logo
MicroPower Direct, LLC
MPM-25S MPD-MPM-25S Datasheet
217Kb / 2P
   Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com