Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV74 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza BAV74
Descripción Electrónicos  Dual surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV74 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAV74 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV74 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV74 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Dual surface mount switching diode
BAV74
C036
www.gmicroelec.com
Rev.A
1
FEATURES
For high-speed switching appilication.
Common cathode.
APPLICATIONS
Small signal switching.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV74
JA
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Diode reverse voltage
VR
50
V
Peak Reverse Voltage
VRM
50
V
Forward Current
IF
200
mA
Surge forward current, t=1μs
IFS
4.5
A
Total Power Dissipation Ts=35℃
Ptot
250
mW
Junction temperature
Tj
150
Storage temperature range
Tstg
-65 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR= 100μA
50
V
Reverse voltage leakage current
IR
VR=50V
VR=50V TA=150℃
0.1
100
μA
Forward voltage
VF
IF=100mA
1
V
Diode capacitance
CD
VR=0V,f=1MHz
2.0
pF
Reverse recovery time
t rr
IF=IR=10mA,RL=100Ω
4
nS
Pb
Lead-free


Número de pieza similar - BAV74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
   High-speed double diode
1999 May 11
logo
SEMTECH ELECTRONICS LTD...
BAV74 SEMTECH_ELEC-BAV74 Datasheet
180Kb / 2P
   SILICON PLANAR DUAL SWITCHING DIODE
logo
Zetex Semiconductors
BAV74 ZETEX-BAV74 Datasheet
120Kb / 3P
   SOT23 HIGH SPEED SWITCHING DIODE PAIR COMMON CATHODE
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
   MONOLITHIC DUAL SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAV74 SECOS-BAV74 Datasheet
5Mb / 2P
   Surface Mount Switching Diode
More results

Descripción similar - BAV74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com