Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ18A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza SMBJ18A
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ18A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ18A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ18A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ18A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ18A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ18A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ18A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0--SMBJ440CA
Document Number: SMB601AF
www.gmicroelec.com
2
ELECTRICAL CHARACTERISTICS (TA=25℃)
Type
Dynamic
VWM
IRM
IPPM
VC
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
V
SMBJ5.0
6.40
7.82
10
5.0
800
62.5
9.6
SMBJ5.0A
6.40
7.07
10
5.0
800
65.2
9.2
SMBJ6.0
6.67
8.15
10
6.0
800
52.6
11.4
SMBJ6.0A
6.67
7.37
10
6.0
800
58.3
10.3
SMBJ6.5
7.22
8.82
10
6.5
500
48.8
12.3
SMBJ6.5A
7.22
7.98
10
6.5
500
53.6
11.2
SMBJ6.8
7.56
9.24
10
6.8
200
49.5
12.1
SMBJ6.8A
7.56
8.35
10
6.8
200
54.6
11.0
SMBJ7.0
7.78
9.51
10
7.0
200
45.1
13.3
SMBJ7.0A
7.78
8.60
10
7.0
200
50.0
12.0
SMBJ7.5
8.33
10.2
1.0
7.5
100
42.0
14.3
SMBJ7.5A
8.33
9.21
1.0
7.5
100
46.5
12.9
SMBJ8.0
8.89
10.9
1.0
8.0
50
40.0
15.0
SMBJ8.0A
8.89
9.83
1.0
8.0
50
44.1
13.6
SMBJ8.5
9.44
11.5
1.0
8.5
20
37.7
15.9
SMBJ8.5A
9.44
10.4
1.0
8.5
20
41.7
14.4
SMBJ9.0
10.0
12.2
1.0
9.0
10
35.5
16.9
SMBJ9.0A
10.0
11.1
1.0
9.0
10
39.0
15.4
SMBJ10
11.1
13.6
1.0
10
5.0
31.9
18.8
SMBJ10A
11.1
12.3
1.0
10
5.0
35.3
17.0
SMBJ11
12.2
14.9
1.0
11
5.0
29.9
20.1
SMBJ11A
12.2
13.5
1.0
11
5.0
33.0
18.2
SMBJ12
13.3
16.3
1.0
12
5.0
27.3
22.0
SMBJ12A
13.3
14.7
1.0
12
5.0
30.2
19.9
SMBJ13
14.4
17.6
1.0
13
5.0
25.2
23.8
SMBJ13A
14.4
15.9
1.0
13
5.0
27.9
21.5
SMBJ14
15.6
19.1
1.0
14
5.0
23.3
25.8
SMBJ14A
15.6
17.2
1.0
14
5.0
25.9
23.2
SMBJ15
16.7
20.4
1.0
15
5.0
22.3
26.9
SMBJ15A
16.7
18.5
1.0
15
5.0
24.6
24.4
SMBJ16
17.8
21.8
1.0
16
5.0
20.8
28.8
SMBJ16A
17.8
19.7
1.0
16
5.0
23.1
26.0
SMBJ17
18.9
23.1
1.0
17
5.0
19.7
30.5
SMBJ17A
18.9
20.9
1.0
17
5.0
21.7
27.6
SMBJ18
20.0
24.4
1.0
18
5.0
18.6
32.2
SMBJ18A
20.0
22.1
1.0
18
5.0
20.5
29.2


Número de pieza similar - SMBJ18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMBJ18A JGD-SMBJ18A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ18A SOCAY-SMBJ18A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
HuaXinAn Electronics CO...
SMBJ18A HUAXINAN-SMBJ18A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
Diotech Company.
SMBJ18A DIOTECH-SMBJ18A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ18A VISHAY-SMBJ18A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
More results

Descripción similar - SMBJ18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com