Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M02066-EVME Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

No. de pieza M02066-EVME
Descripción Electrónicos  3.3 Volt Laser Driver IC for Applications to 3 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066-EVME Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02066-EVME Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Product Specification
02066-DSH-001-D
Mindspeed Technologies
®
3
Preliminary Information / Mindspeed Proprietary and Confidential
1.4
AC Characteristics
VCC = +3.3V ±10%, TA = -40 °C to +85 °C, unless otherwise noted.
Table 1-4.
AC Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units.
Differential input voltage
= 2 x (DIN HIGH - DIN LOW)
(clock inputs follow same relationship)
300
1860
mV
Modulation current range
2.5
85
mA
Modulation current with output disabled
DIS=HIGH
300
µA
Programmable range for modulation
current temperature coefficient
Adjustable
500
104
ppm/°C
Programmable temperature at which
modulation current TC compensation
enables
Programmed by choice of RTCSET
20
60
°C
Modulation output rise time
Modulation output fall time
20% to 80% into 25
(1)
20% to 80% into 25
90
90
ps
Overshoot of modulation output current
Into 25
Ω load
-10
+10
%
Modulation output pulse width distortion
Measured using alternating 1-0 pattern
RMODSET = 7 k
20(2)
ps
Modulation output pulse width distortion
Measured using alternating 1-0 pattern
RMODSET = 7 k
50(3)
ps
Modulation output pulse width distortion
Measured using alternating 1-0 patternRMODSET = 7
k
80(4)
ps
Modulation output random jitter
rms 12 kHz to 20 MHz
4
mUI
Total output jitter (data input latch enabled) Peak-to-peak. Measured into 25
Ω load using 1867
MHz Bessel filter: 223-1 PRBS at 2.488 Gbps; using
clock inputs (includes PWD, random and
deterministic)
——
42(2)
ps
Total output jitter (data input latch enabled) Peak-to-peak. Measured into 25
Ω load using 1867
MHz Bessel filter: 223-1 PRBS at 2.488 Gbps; using
clock inputs (includes PWD, random and
deterministic)
——
72(3)
ps
Total output jitter (data input latch enabled) Peak-to-peak. Measured into 25
Ω load using 1867
MHz Bessel filter: 223-1 PRBS at 2.488 Gbps; using
clock inputs (includes PWD, random and
deterministic)
100(4)
ps
NOTES:
(VCC = +3.3 V ±10%, TA = 40 °C to + 85 °C, unless otherwise noted)
1.
IMOD = 28 mA
2.
Applies only to the M02066-21.
3.
Applies only to the M02066-51.
4.
Applies only to the M02066-82.


Número de pieza similar - M02066-EVME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02066-EVME MA-COM-M02066-EVME Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results

Descripción similar - M02066-EVME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com