Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7PA34FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC7PA34FU
Descripción Electrónicos  Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA34FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7PA34FU Datasheet HTML 1Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 2Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 3Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 4Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 5Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 6Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 7Page - Toshiba Semiconductor TC7PA34FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC7PA34FU
2002-08-21
2
Truth Table
IEC Logic Symbol
A
Y
L
L
H
H
Recommended Operating Conditions
Characteristics
Symbol
Value
Unit
1.8~3.6
Power supply voltage
VCC
1.2~3.6
(Note 4)
V
Input voltage
VIN
-0.3~3.6
V
0~3.6
(Note 5)
Output voltage
VOUT
0~VCC
(Note 6)
V
±24
(Note 7)
±18
(Note 8)
Output Current
IOH/IOL
±6
(Note 9)
mA
Operating temperature
Topr
-40~85
°C
Input rise and fall time
dt/dv
0~10
(Note 10)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or Low state
Note 7: VCC = 3.0~3.6 V
Note 8: VCC = 2.3~2.7 V
Note 9: VCC = 1.8 V
Note 10: VIN = 0.8~2.0 V, VCC = 3.0 V
IN A
1
OUT Y


Número de pieza similar - TC7PA34FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
More results

Descripción similar - TC7PA34FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
   Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7PAU04FU TOSHIBA-TC7PAU04FU Datasheet
152Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7PAU04FU TOSHIBA-TC7PAU04FU_07 Datasheet
195Kb / 7P
   Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC7SH34FS TOSHIBA-TC7SH34FS Datasheet
168Kb / 6P
   NON-INVERT BUFFER
TC7SH34FE TOSHIBA-TC7SH34FE Datasheet
148Kb / 5P
   NON-INVERT BUFFER
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34_15 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7SET34F TOSHIBA-TC7SET34F Datasheet
174Kb / 5P
   Non-Invert Buffer
logo
Unisonic Technologies
U74AHC34 UTC-U74AHC34 Datasheet
144Kb / 5P
   NON-INVERT BUFFER
logo
Toshiba Semiconductor
TC7W34FU TOSHIBA-TC7W34FU Datasheet
187Kb / 6P
   TRIPLE NON-INVERT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com