Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC83220-0029 Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TC83220-0029
Descripción Electrónicos  TC83220-0029 CMOS Single-Chip LSI for FL (fluorescent) Calculator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC83220-0029 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC83220-0029 Datasheet HTML 3Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 4Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 5Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 6Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 7Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 8Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 9Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 10Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TC83220-0029
2003-03-27
7
Operation Example
Key
TAB 4/5
IC
10/12
S
GT
Touch
Print
Display
F
4/5
OFF
10
OFF OFF
IC+
OFF
POWER·ON··
1+·····
2-·····
·····
*·····
1+·····
2-·····
·····
*·····
3
´·····
4
¸·····
=·····
5
´·····
6%·····
+·····
2
¸·····
3%·····
2·MU/D···
3=·····
2
D%·····
3=·····
<PF>·
<PF>·
1.
2.
1.
1.
<PF>·
1.
2.
002················
1.
002················
1.
<PF>·
3.
4.
4.
3.
<PF>·
5.
6.
0.3
<PF>·
5.3
<PF>·
2.
3.
66.66666666
<PF>·
2.
3.
0.06185567
2.06185567
<PF>·
2.
3.
1.
50.
<PF>·
·C
···+
···-
·-·
·-·*
···+
···-
·-·
·-·*
···
´
···
¸
···=
···*
···
´
···%
···*
·+·%
···
¸
···%
···*
·M
···%
·
D·*
···*
·
D
···=
·
D·*
·
D·%
R
R
R
R
R
R
0.
1.
-1.
-1.
-1.
1.
-1.
-1.
-1.
3.
12.
3.
5.
0.3
5.3
2.
66.66666666
2.
2.06185567
2.
50.
Note 6: <PF> .......................Paper feed
PRINT COLOR........R: Red
.......No mark: Black


Número de pieza similar - TC83220-0029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0027 TOSHIBA-TC83220-0027 Datasheet
261Kb / 16P
   TC83220-0027 Single-Chip CMOS LSI for FL (fluorescent) Calculator
More results

Descripción similar - TC83220-0029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC83220-0027 TOSHIBA-TC83220-0027 Datasheet
261Kb / 16P
   TC83220-0027 Single-Chip CMOS LSI for FL (fluorescent) Calculator
T6M23A TOSHIBA-T6M23A Datasheet
896Kb / 25P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6M74A TOSHIBA-T6M74A Datasheet
837Kb / 25P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T7950S TOSHIBA-T7950S Datasheet
414Kb / 11P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6A36S TOSHIBA-T6A36S Datasheet
843Kb / 32P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6M19 TOSHIBA-T6M19 Datasheet
671Kb / 17P
   CMOS 1 CHIP LSI FOR LCD ESECTRONIC CALCULATOR
T7987A TOSHIBA-T7987A Datasheet
898Kb / 24P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T7988 TOSHIBA-T7988 Datasheet
897Kb / 23P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T9947S TOSHIBA-T9947S Datasheet
1Mb / 34P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6M27S TOSHIBA-T6M27S Datasheet
374Kb / 12P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com