Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSH-EFD25-1S-10P-TZ Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

No. de pieza CSH-EFD25-1S-10P-TZ
Descripción Electrónicos  Dimensions for product: EFD25/13/9
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FERROXCUBE [Ferroxcube International Holding B.V.]
Página de inicio  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CSH-EFD25-1S-10P-TZ Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CSH-EFD25-1S-10P-TZ_17 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CSH-EFD25-1S-10P-TZ_17 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFD25/13/9
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C95
nH/turns²
25%
25%
2660
3C96
nH/turns²
25%
25%
2000
3F36
nH/turns²
25%
25%
1500
3F46
nH/turns²
25%
25%
900
Power loss: 3C95
Measuring conditions
Unit
Max
100 kHz
W/set
1.600
200 mT
100 ºC
100 kHz
W/set
1.700
200 mT
25 ºC
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
1.500
200 mT
100 ºC
400 kHz
W/set
0.590
50 mT
100 ºC
Symbol
Effective parameters
Parameter
Value
Unit
1
mm⁻¹
Ve
3300
mm³
Le
57
mm
Ae
58
mm²
Amin
55
mm²
∑(I/A)
≈ 8
core factor (C1)
effective volume
effective length
effective area
minimum area
m
EFD25/13/9
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: EFD25/13/9
24.35
mm
A
0.65
0.65
25.65
25.00
8.90
mm
C
0.20
0.20
9.30
9.10
18.10
mm
E
0.60
0.60
19.30
18.70
11.20
mm
F
0.20
0.20
11.60
11.40
5.05
mm
G
0.15
0.15
5.35
5.20
12.35
mm
H1
0.15
0.15
12.65
12.50
9.05
mm
H2
0.25
0.25
9.55
9.30
2016


Número de pieza similar - CSH-EFD25-1S-10P-TZ_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ferroxcube Internationa...
CSH-EFD25-1S-10P-TZ FERROXCUBE-CSH-EFD25-1S-10P-TZ Datasheet
25Kb / 1P
   EFD cores and acces sories
CSH-EFD25-1S-10P-TZ FERROXCUBE-CSH-EFD25-1S-10P-TZ Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
More results

Descripción similar - CSH-EFD25-1S-10P-TZ_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ferroxcube Internationa...
CLI-EFD25 FERROXCUBE-CLI-EFD25_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
CSH-EFD25-1S-10P-IZ FERROXCUBE-CSH-EFD25-1S-10P-IZ_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
BPL-D-CLM-C-P22-13-C FERROXCUBE-BPL-D-CLM-C-P22-13-C Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-1S FERROXCUBE-CP-P22-13-1S Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-1S-A FERROXCUBE-CP-P22-13-1S-A Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-3S FERROXCUBE-CP-P22-13-3S Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CP-P22-13-2S FERROXCUBE-CP-P22-13-2S Datasheet
81Kb / 2P
   Dimensions for product: P22/13
CLI-ETD39 FERROXCUBE-CLI-ETD39_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD39/20/13
CLI-EFD30 FERROXCUBE-CLI-EFD30_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD30/15/9
CPH-E32-16-9-1S-12P FERROXCUBE-CPH-E32-16-9-1S-12P Datasheet
76Kb / 2P
   Dimensions for product: E32/16/9
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com