Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSH-EFD30-1S-12P-IZ Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

No. de pieza CSH-EFD30-1S-12P-IZ
Descripción Electrónicos  Dimensions for product: EFD30/15/9
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FERROXCUBE [Ferroxcube International Holding B.V.]
Página de inicio  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CSH-EFD30-1S-12P-IZ Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CSH-EFD30-1S-12P-IZ_17 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CSH-EFD30-1S-12P-IZ_17 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFD30/15/9
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C95
nH/turns²
25%
25%
2520
3C96
nH/turns²
25%
25%
1900
3F36
nH/turns²
25%
25%
1500
3F46
nH/turns²
25%
25%
900
Power loss: 3C95
Measuring conditions
Unit
Max
100 kHz
W/set
2.300
200 mT
100 ºC
100 kHz
W/set
2.400
200 mT
25 ºC
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
2.100
200 mT
100 ºC
400 kHz
W/set
0.850
50 mT
100 ºC
Symbol
Effective parameters
Parameter
Value
Unit
0.98
mm⁻¹
Ve
4700
mm³
Le
68
mm
Ae
69
mm²
Amin
66
mm²
∑(I/A)
≈ 12
core factor (C1)
effective volume
effective length
effective area
minimum area
m
EFD30/15/9
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: EFD30/15/9
29.20
mm
A
0.80
0.80
30.80
30.00
8.90
mm
C
0.20
0.20
9.30
9.10
21.65
mm
E
0.75
0.75
23.15
22.40
14.35
mm
F
0.25
0.25
14.85
14.60
4.75
mm
G
0.15
0.15
5.05
4.90
14.85
mm
H1
0.15
0.15
15.15
15.00
10.90
mm
H2
0.30
0.30
11.50
11.20
2016


Número de pieza similar - CSH-EFD30-1S-12P-IZ_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ferroxcube Internationa...
CSH-EFD30-1S-12P-IZ FERROXCUBE-CSH-EFD30-1S-12P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
More results

Descripción similar - CSH-EFD30-1S-12P-IZ_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ferroxcube Internationa...
CLI-EFD30 FERROXCUBE-CLI-EFD30_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD30/15/9
CLI-EFD25 FERROXCUBE-CLI-EFD25_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
CPH-E32-16-9-1S-12P FERROXCUBE-CPH-E32-16-9-1S-12P Datasheet
76Kb / 2P
   Dimensions for product: E32/16/9
CSH-EFD25-1S-10P-TZ FERROXCUBE-CSH-EFD25-1S-10P-TZ_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
CSH-EFD25-1S-10P-IZ FERROXCUBE-CSH-EFD25-1S-10P-IZ_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD25/13/9
CLA-E30 FERROXCUBE-CLA-E30_17 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CLA-E42 FERROXCUBE-CLA-E42_17 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
CP-E30 FERROXCUBE-CP-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CSH-E30 FERROXCUBE-CSH-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
SPR-E42-21-15 FERROXCUBE-SPR-E42-21-15 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com