Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX384B22-G Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza BZX384B22-G
Descripción Electrónicos  Silicon planar Zener diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384B22-G Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX384B22-G Datasheet HTML 1Page - Vishay Siliconix BZX384B22-G Datasheet HTML 2Page - Vishay Siliconix BZX384B22-G Datasheet HTML 3Page - Vishay Siliconix BZX384B22-G Datasheet HTML 4Page - Vishay Siliconix BZX384B22-G Datasheet HTML 5Page - Vishay Siliconix BZX384B22-G Datasheet HTML 6Page - Vishay Siliconix BZX384B22-G Datasheet HTML 7Page - Vishay Siliconix BZX384B22-G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZX384-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 14-Oct-16
3
Document Number: 83335
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM.
MAX.
MAX.
TYP.
TYP.
MIN.
MAX.
BZX384B2V4-G
C1
2.35
2.4
2.45
5
1
50
1
70 (
 100)
275
- 9
- 4
BZX384B2V7-G
C2
2.65
2.7
2.75
5
1
20
1
75 (
 100) 300  600)
- 9
- 4
BZX384B3V0-G
C3
2.94
3.0
3.06
5
1
10
1
80 (
 95) 325 ( 600)
- 9
- 3
BZX384B3V3-G
C4
3.23
3.3
3.37
5
1
5
1
85 (
 95) 350 ( 600)
- 8
- 3
BZX384B3V6-G
C5
3.53
3.6
3.67
5
1
5
1
85 (
 90) 375 ( 600)
- 8
- 3
BZX384B3V9-G
C6
3.82
3.9
3.98
5
1
3
1
85 (
 90) 400 ( 600)
- 7
- 3
BZX384B4V3-G
C7
4.21
4.3
4.39
5
1
3
1
80 (
 90) 410 ( 600)
- 6
- 1
BZX384B4V7-G
C8
4.61
4.7
4.79
5
1
3
2
50 (
 80) 425 ( 500)
- 5
2
BZX384B5V1-G
C9
5
5.1
5.2
5
1
2
2
40 (
 60) 400 ( 480)
- 3
4
BZX384B5V6-G
CA
5.49
5.6
5.71
5
1
1
2
15 (
 40)
80 (
 400)
- 2
6
BZX384B6V2-G
CB
6.08
6.2
6.32
5
1
3
4
6 (
 10)
40 (
 150)
- 1
7
BZX384B6V8-G
CC
6.66
6.8
6.94
5
1
2
4
6 (
 15)
30 (
 80)
2
7
BZX384B7V5-G
CD
7.35
7.5
7.65
5
1
1
5
6 (
 15)
30 (
 80)
3
7
BZX384B8V2-G
CE
8.04
8.2
8.36
5
1
0.7
5
6 (
 15)
40 (
 80)
4
7
BZX384B9V1-G
CF
8.92
9.1
9.28
5
1
0.5
6
6 (
 15)
40 (
 100)
5
8
BZX384B10-G
CG
9.8
10
10.2
5
1
0.2
7
8 (
 20)
50 (
 150)
5
8
BZX384B11-G
CH
10.8
11
11.2
5
1
0.1
8
10 (
 20)
50 (
 150)
5
9
BZX384B12-G
CI
11.8
12
12.2
5
1
0.1
8
10 (
 25)
50 (
 150)
6
9
BZX384B13-G
CK
12.7
13
13.3
5
1
0.1
8
10 (
 30)
50 (
 170)
7
9
BZX384B15-G
CL
14.7
15
15.3
5
1
0.05
0.7 VZnom.
10 (
 30)
50 (
 200)
7
9
BZX384B16-G
CM
15.7
16
16.3
5
1
0.05
0.7 VZnom.
10 (
 40)
50 (
 200)
8
9.5
BZX384B18-G
CN
17.6
18
18.4
5
1
0.05
0.7 VZnom.
10 (
 45)
50 (
 225)
8
9.5
BZX384B20-G
CO
19.6
20
20.4
5
1
0.05
0.7 VZnom.
15 (
 55)
60 (
 225)
8
10
BZX384B22-G
CP
21.6
22
22.4
5
1
0.05
0.7 VZnom.
20 (
 55)
60 (
 250)
8
10
BZX384B24-G
CR
23.5
24
24.5
5
1
0.05
0.7 VZnom.
25 (
 70)
60 (
 250)
8
10
BZX384B27-G
CS
26.5
27
27.5
2
0.5
0.05
0.7 VZnom.
25 (
 80)
65 (
 300)
8
10
BZX384B30-G
CT
29.4
30
30.6
2
0.5
0.05
0.7 VZnom.
30 (
 80)
70 (
 300)
8
10
BZX384B33-G
CU
32.3
33
33.7
2
0.5
0.05
0.7 VZnom.
35 (
 80)
75 (
 325)
8
10
BZX384B36-G
CW
35.3
36
36.7
2
0.5
0.05
0.7 VZnom.
35 (
 90)
80 (
 350)
8
10
BZX384B39-G
CX
38.2
39
39.8
2
0.5
0.05
0.7 VZnom. 40 ( 130)
80 (
 350)
10
12
BZX384B43-G
CY
42.1
43
43.9
2
0.5
0.05
0.7 VZnom. 45 ( 150)
85 (
 375)
10
12
BZX384B47-G
CZ
46.1
47
47.9
2
0.5
0.05
0.7 VZnom. 50 ( 170)
85 (
 375)
10
12
BZX384B51-G
D1
50
51
52
2
0.5
0.05
0.7 VZnom. 60 ( 180)
85 (
 400)
10
12
BZX384B56-G
D2
54.9
56
57.1
2
0.5
0.05
0.7 VZnom. 70 ( 200) 100 ( 425)
9
11
BZX384B62-G
D3
60.8
62
63.2
2
0.5
0.05
0.7 VZnom. 80 ( 215) 100 ( 450)
9
12
BZX384B68-G
D4
66.6
68
69.4
2
0.5
0.05
0.7 VZnom. 90 ( 240) 150 ( 475)
10
12
BZX384B75-G
D5
73.5
75
76.5
2
0.5
0.05
0.7 VZnom. 95 ( 255) 170 ( 500)
10
12


Número de pieza similar - BZX384B22-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BZX384B22-V VISHAY-BZX384B22-V Datasheet
111Kb / 9P
   Small Signal Zener Diodes
Rev. 1.6, 17-May-06
BZX384B22-V VISHAY-BZX384B22-V Datasheet
108Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
BZX384B22-V VISHAY-BZX384B22-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

Descripción similar - BZX384B22-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com