Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS60211 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS60211
Descripción  REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS60211 Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURES
Efficiency
vs Output current (TPS60210 and TPS60212)
3, 4
η
Efficiency
vs Input voltage
5
IO
Output current
vs Input voltage
6
VO
Output voltage
vs Output current (TPS60210 and TPS60212)
7, 8
VO
Output voltage
vs Input voltage (TPS60210 and TPS60212)
9, 10
IQ
Quiescent supply current
vs Input voltage
11
IQ
Quiescent supply current
vs Output current in snooze mode
12
VO
Output voltage
vs Time (Exit from snooze mode)
13
VO
Output voltage ripple
vs Time
14, 15, 16
VO
Output voltage ripple
vs Time in snooze mode
17, 18
Load transient response
19
Line transient response
20
NOTE: All typical characteristics were measured using the typical application circuit of Figure 21 (unless otherwise noted).
Figure 3
0.1
IO − Output Current − mA
TPS60210
EFFICIENCY
vs
OUTPUT CURRENT
1
10
100
1000
VI = 2.4 V
VI = 1.8 V
VI = 2.7 V
100
90
80
70
60
50
40
30
20
10
0
Figure 4
0.1
IO − Output Current − mA
TPS60212
EFFICIENCY
vs
OUTPUT CURRENT
1
10
100
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
100
90
80
70
60
50
40
30
20
10
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn