Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3808G25DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3808G25DBVT
Descripción Electrónicos  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G25DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3808G25DBVT Datasheet HTML 1Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 2Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 3Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 4Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 5Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 6Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 7Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 8Page - Texas Instruments TPS3808G25DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Typical Application Circuit
1.2V
3.3V
TPS3808G12
TPS3808G33
DSP
SENSE
V
DD
V
DD
SENSE
V
I/O
V
CORE
GPIO
GND
GND
GND
RESET
MR
C
T
C
T
RESET
DBV PACKAGE
SOT23
(TOP VIEW)
VDD
SENSE
CT
RESET
GND
MR
1
2
3
6
5
4
RESET
GND
MR
6
5
4
V
DD
SENSE
C
T
1
2
3
DRV PACKAGE
2mm x 2mm QFN
(TOP VIEW)
Power
PAD
TPS3808
SBVS050E – MAY 2004 – REVISED OCTOBER 2005
Low Quiescent Current, Programmable-Delay
Supervisory Circuit
Power-On Reset Generator with Adjustable
Delay Time: 1.25ms to 10s
The
TPS3808xxx
family
of
microprocessor
supervisory circuits monitor system voltages from
Very Low Quiescent Current: 2.4
µA typ
0.4V to 5.0V, asserting an open drain RESET signal
High Threshold Accuracy: 0.5% typ
when the SENSE voltage drops below a preset
Fixed Threshold Voltages for Standard
threshold or when the manual reset (MR) pin drops to
Voltage Rails from 0.9V to 5V and Adjustable
a logic low. The RESET output remains low for the
Voltage Down to 0.4V Are Available
user adjustable delay time after the SENSE voltage
and manual reset (MR) return above their thresholds.
Manual Reset (MR) Input
Open-Drain RESET Output
The TPS3808 uses a precision reference to achieve
0.5% threshold accuracy for VIT ≤ 3.3V. The reset
Temperature Range: –40
°C to +125°C
delay time can be set to 20ms by disconnecting the
Small SOT23 and 2mm
× 2mm QFN Packages
CT pin, 300ms by connecting the CT pin to VDD using
a resistor, or can be user-adjusted between 1.25ms
and 10s by connecting the CT pin to an external
DSP or Microcontroller Applications
capacitor. The TPS3808 has a very low typical
quiescent current of 2.4
µA so it is well-suited to
Notebook/Desktop Computers
battery-powered applications. It is available in a small
PDAs/Hand-Held Products
SOT23 and an ultra-small 2mm
× 2mm QFN
Portable/Battery-Powered Products
PowerPAD™ package and is fully specified over a
FPGA/ASIC Applications
temperature range of –40
°C to +125°C (T
J).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS3808G25DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G25DBVT TI-TPS3808G25DBVT Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DBVT TI-TPS3808G25DBVT Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DBVT TI-TPS3808G25DBVT Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DBVT TI-TPS3808G25DBVT Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G25DBVT TI-TPS3808G25DBVT Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Descripción similar - TPS3808G25DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com