Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7190DP Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI7190DP
Descripción Electrónicos  N-Channel 250-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7190DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7190DP Datasheet HTML 1Page - Vishay Siliconix SI7190DP Datasheet HTML 2Page - Vishay Siliconix SI7190DP Datasheet HTML 3Page - Vishay Siliconix SI7190DP Datasheet HTML 4Page - Vishay Siliconix SI7190DP Datasheet HTML 5Page - Vishay Siliconix SI7190DP Datasheet HTML 6Page - Vishay Siliconix SI7190DP Datasheet HTML 7Page - Vishay Siliconix SI7190DP Datasheet HTML 8Page - Vishay Siliconix SI7190DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 68985
S09-0997-Rev. B, 01-Jun-09
www.vishay.com
3
Vishay Siliconix
Si7190DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
25
30
01
2
3
45
VGS =10 V thru 6 V
VGS =5 V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0
5
10
15
20
25
30
VGS =10 V
VGS =6 V
ID - Drain Current (A)
0
2
4
6
8
10
0
11223344
55
VDS =200 V,ID =4.3 A
VDS =125 V,ID =4.4 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
6
0123
456
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0
800
1600
2400
3200
0
50
100
150
200
250
Ciss
Coss
Crss
VDS - Drain-to-Source Voltage (V)
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
125
150
ID =4.4 A
VGS =6 V
VGS =10 V
TJ -Junction Temperature (°C)


Número de pieza similar - SI7190DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SI7190DP VISHAY-SI7190DP_V01 Datasheet
313Kb / 13P
   N-Channel 250-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7190DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AMR400N ANALOGPOWER-AMR400N Datasheet
351Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI4434DY VISHAY-SI4434DY Datasheet
70Kb / 5P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 15-Dec-03
logo
Analog Power
AM14N25-280D ANALOGPOWER-AM14N25-280D Datasheet
347Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM30N25-270P ANALOGPOWER-AM30N25-270P Datasheet
337Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SIR692DP VISHAY-SIR692DP Datasheet
210Kb / 7P
   N-Channel 250 V (D-S) MOSFET
Rev. A, 19-Dec-16
logo
Analog Power
AM6N25-1100D ANALOGPOWER-AM6N25-1100D Datasheet
306Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SISS92DN VISHAY-SISS92DN Datasheet
227Kb / 8P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7190ADP VISHAY-SI7190ADP Datasheet
229Kb / 9P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com