Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7230DN Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI7230DN
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7230DN Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI7230DN Datasheet HTML 2Page - Vishay Siliconix SI7230DN Datasheet HTML 3Page - Vishay Siliconix SI7230DN Datasheet HTML 4Page - Vishay Siliconix SI7230DN Datasheet HTML 5Page - Vishay Siliconix SI7230DN Datasheet HTML 6Page - Vishay Siliconix SI7230DN Datasheet HTML 7Page - Vishay Siliconix SI7230DN Datasheet HTML 8Page - Vishay Siliconix SI7230DN Datasheet HTML 9Page - Vishay Siliconix SI7230DN Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 09-Jan-17
1
Document Number: 71656
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212-8, (Single / Dual)
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
0.00
-
0.05
0.000
-
0.002
b
0.23
0.30
0.41
0.009
0.012
0.016
c
0.23
0.28
0.33
0.009
0.011
0.013
D
3.20
3.30
3.40
0.126
0.130
0.134
D1
2.95
3.05
3.15
0.116
0.120
0.124
D2
1.98
2.11
2.24
0.078
0.083
0.088
D3
0.48
-
0.89
0.019
-
0.035
D4
0.47 typ.
0.0185 typ
D5
2.3 typ.
0.090 typ
E
3.20
3.30
3.40
0.126
0.130
0.134
E1
2.95
3.05
3.15
0.116
0.120
0.124
E2
1.47
1.60
1.73
0.058
0.063
0.068
E3
1.75
1.85
1.98
0.069
0.073
0.078
E4
0.034 typ.
0.013 typ.
e
0.65 BSC
0.026 BSC
K
0.86 typ.
0.034 typ.
K1
0.35
-
-
0.014
-
-
H
0.30
0.41
0.51
0.012
0.016
0.020
L
0.30
0.43
0.56
0.012
0.017
0.022
L1
0.06
0.13
0.20
0.002
0.005
0.008
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 typ.
0.005 typ.
ECN: S16-2667-Rev. M, 09-Jan-17
DWG: 5882
Notes
1. Inch will govern
2 Dimensions exclusive of mold gate burrs
3. Dimensions exclusive of mold flash and cutting burrs
Backside view of single pad
Backside view of dual pad
Detail Z
D1
D2
E1
5
4
1
8
4
3
H
2
1
θ
θ
E2
L
4
3
2
1
A1
Z
K
W
E3
E4
K
H
E4
E2
L
E3
L1
2
2
E
H


Número de pieza similar - SI7230DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7230DN VISHAY-SI7230DN_V01 Datasheet
551Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7230DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com