Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS25LB-12 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPS25LB-12
Descripción Electrónicos  Universal input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS25LB-12 Datasheet(HTML) 2 Page - Total Power International

  TPS25LB-12 Datasheet HTML 1Page - Total Power International TPS25LB-12 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWITCHING MODE 25W POWER SUPPLIES
MECHANICAL DRAWING
NOTES
* 120% Peak current lasting < 30 seconds with a maximum 10%
duty cycle.
* Specifications are for convection rating unless otherwise stated.
* Detailed engineering specification of each model is available
for inquiry.
* Special output voltage inquiry is welcomed.
* Specifications subject to change without notice.
MODEL
5V 12V -5V -12V 15V -15V 24V 48V 3.3V
OUTPUT CURRENT (A)
TPS25LB-3X
TPS25LB-30
TPS25LB-31
TPS25LB-32
TPS35LB-33
TPS25LB-34
TPS25LB-35
TPS25LB-36
TPS25LB-37
TPS25LB-38
3.33 0.42 0.83
3.33 0.42
0.33
3.33
0.33 0.33
2.5
0.83
0.58
2.5
0.4 0.5
2.5
0.42
0.33
1
1.5
0.4
2.5 0.42
0.33
1.67 0.83
0.17
MODEL
5V 12V 15V 24V 48V 36V 28V 3.3V 20V
OUTPUT CURRENT (A)
OUTPUT SPECIFICATION
TPS25LB-1X
TPS25LB-10
TPS25LB-11
TPS25LB-12
TPS25LB-13
TPS25LB-14
5
2.08
1.66
1.04
0.52
MODEL
5V 12V -5V -12V 15V -15V 24V 48V 3.3V
OUTPUT CURRENT (A)
TPS25LB-2X
TPS25LB-20
TPS25LB-21
TPS25LB-22
TPS25LB-23
TPS25LB-24
3.75 0.58
3.75
0.34
3.75
1.25
1.08
1.08
0.83 0.83
TOTAL POWER INTERNATIONAL, INC.
TOLL FREE (USA): 877-646-0900 PH# 978-453-7272
SALES@TOTAL-POWER.COM
WWW.TOTAL-POWER.COM
Total Power International, Inc.


Número de pieza similar - TPS25LB-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPS25LB-12 TOTAL-POWER-TPS25LB-12 Datasheet
257Kb / 3P
   TP25LB SWITCHING MODE 25W LOW COST
More results

Descripción similar - TPS25LB-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emerson Network Power
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
   Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
   Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
   Universal Input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
   Universal input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
   Universal input
logo
Emerson Network Power
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
   Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
   Universal input
LPT42-M EMERSON-NETWORKPOWER-LPT42-M Datasheet
568Kb / 3P
   Universal input
LPT40-M EMERSON-NETWORKPOWER-LPT40-M Datasheet
541Kb / 3P
   Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
   Universal input
LPS110 EMERSON-NETWORKPOWER-LPS110 Datasheet
203Kb / 2P
   Universal input
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com