Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4931 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 2N4931
Descripción Electrónicos  PNP HIGH VOLTAGE SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4931 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4931 Datasheet HTML 1Page - Microsemi Corporation 2N4931 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP HIGH VOLTAGE SILICON TRANSISTOR
Qualified per MIL-PRF-19500/397
Devices
Qualified Level
2N3743
2N4930
2N4931
JAN, JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Sym
2N3743 2N4930 2N4931 Unit
Collector-Emitter Voltage
VCEO
300
200
250
Vdc
Collector-Base Voltage
VCBO
300
200
250
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
200
mAdc
Total Power Dissipation
@TA = +25
0C 1
@TC = +25
0C 2
PT
1.0
5.0
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance Junction-to-Case
RθJC
35
0C/W
1)
Derate linearly 5.71 mW/
0C for TA > +250C
2)
Derate linearly 28.6 mW/
0C for TC > +250C
TO-39*
(TO-205AD)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 1.0 mAdc
2N3743
2N4930
2N4931
V(BR)CEO
300
200
250
Vdc
Collector-Emitter Breakdown Voltage
IC = 100 µAdc
2N3743
2N4930
2N4931
V(BR)CBO
300
200
250
Vdc
Emitter-Base Breakdown Voltage
IE = 100 µAdc
V(BR)EBO
5.0
Vdc
Collector-Base Cutoff Current
VCB = 250 Vdc
2N3743
VCB = 150 Vdc
2N4930
VCB = 200 Vdc
2N4931
ICBO
250
250
250
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Número de pieza similar - 2N4931

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N4931 CENTRAL-2N4931 Datasheet
58Kb / 2P
   PNP SILICON TRANSISTOR
logo
Seme LAB
2N4931 SEME-LAB-2N4931 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
2N4931 CENTRAL-2N4931 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N4931 NJSEMI-2N4931 Datasheet
192Kb / 2P
   HIGH-VOLTAGE PNP SILICON ANNULAR TRANSISTORS
logo
Microsemi Corporation
2N4931 MICROSEMI-2N4931 Datasheet
60Kb / 2P
   PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
More results

Descripción similar - 2N4931

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BSS76 SEME-LAB-BSS76 Datasheet
19Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Micro Commercial Compon...
MMBTA94 MCC-MMBTA94 Datasheet
386Kb / 3P
   PNP Silicon High Voltage Transistor
logo
Micro Electronics
MPS-A92 MICRO-ELECTRONICS-MPS-A92 Datasheet
107Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
New Jersey Semi-Conduct...
BSS74 NJSEMI-BSS74 Datasheet
123Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTA93 MCC-MMBTA93_13 Datasheet
438Kb / 3P
   PNP Silicon High Voltage Transistor
logo
New Jersey Semi-Conduct...
MPS-U60 NJSEMI-MPS-U60 Datasheet
87Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
Infineon Technologies A...
PZTA92 INFINEON-PZTA92 Datasheet
120Kb / 4P
   PNP Silicon High Voltage Transistor
Dec-12-2001
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
New Jersey Semi-Conduct...
BFT28 NJSEMI-BFT28 Datasheet
49Kb / 1P
   SILICON PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com