Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT-HT-246-1416-14 Datasheet(PDF) 2 Page - Samtec, Inc

No. de pieza CAT-HT-246-1416-14
Descripción Electrónicos  Straight Action Hand Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMTEC [Samtec, Inc]
Página de inicio  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CAT-HT-246-1416-14 Datasheet(HTML) 2 Page - Samtec, Inc

  CAT-HT-246-1416-14 Datasheet HTML 1Page - Samtec, Inc CAT-HT-246-1416-14 Datasheet HTML 2Page - Samtec, Inc CAT-HT-246-1416-14 Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Straight Action Hand Tool CAT-HT-246-1416-14
STS-M-246-1416-14
Contact
Number
Wire Size
mm2 [AWG]
Insulation
Diameter
Strip
Length
Crimp
Height
CC46R
CC46L
2.08 [14]
3.51 - 3.65
[.138 - .144]
See Application
Tooling
Section of
Samtec
Website
See Application
Tooling
Section of
Samtec
Website
1.31 [16]
2.98 - 3.12
[.117 - .123]
Figure 3
4. MAINTENANCE AND INSPECTION PROCEDURE
It is recommended that a maintenance and inspection pro-
gram be performed periodically to ensure dependable and
uniform terminations. Frequency of inspection depends on:
• The care, amount of use, and handling of the hand tool,
• The presence of abnormal amounts of dust and dirt,
• Your own established standards.
The hand tool is inspected before being shipped; however,
it is recommended that the tool be inspected immediately
upon its arrival at your facility to ensure that the tool has not
been damaged during shipment.
4.1 DAILY MAINTENANCE
1. Remove dust, moisture, and other contaminants with a
clean brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could damage the
tool.
3. Make certain all pins; pivot points and bearing surfaces
are protected with a thin coat of high quality machine oil.
Do not oil excessively. The tool was engineered for dura-
bility but like any other equipment it needs cleaning and
lubrication for a maximum service life of trouble free crimp-
ing. Light oil (such as 30 weight automotive oil) used at the
oil points, every 1,000 crimps or 3 months, will significantly
enhance the tool life. See Figure 4.
4. Wipe excess oil from hand tool, particularly from crimp-
ing area. Oil transferred from the crimping area onto
certain terminations may affect the electrical characteristics
of an application.
5. When tool is not in use, keep the handles closed to pre-
vent objects from becoming lodged in the crimping dies,
and store the tool in a clean, dry area.
Figure 4
CUSTOMER SERVICE +1-800-726-8329 (+1-812-944-6733)
2 of 3


Número de pieza similar - CAT-HT-246-1416-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samtec, Inc
CAT-HT-203-2830-12 SAMTEC-CAT-HT-203-2830-12 Datasheet
678Kb / 3P
   Parallel Action Hand Tool
CAT-HT-203-2832-11 SAMTEC-CAT-HT-203-2832-11 Datasheet
109Kb / 3P
   Straight Action Hand Tool
CAT-HT-281-2430-13 SAMTEC-CAT-HT-281-2430-13 Datasheet
886Kb / 3P
   Straight Action Hand Tool
More results

Descripción similar - CAT-HT-246-1416-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samtec, Inc
STS-M-246-1416-14 SAMTEC-STS-M-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-393-2430-13 SAMTEC-STS-M-393-2430-13 Datasheet
819Kb / 3P
   Straight Action Hand Tool
CAT-HT-169-1620-11 SAMTEC-CAT-HT-169-1620-11 Datasheet
394Kb / 4P
   Straight Action Hand Tool
CAT-HT-310-1012-14 SAMTEC-CAT-HT-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
STS-M-169-2024-13 SAMTEC-STS-M-169-2024-13 Datasheet
994Kb / 3P
   Straight Action Hand Tool
STS-M-179-2030-13 SAMTEC-STS-M-179-2030-13 Datasheet
997Kb / 3P
   Straight Action Hand Tool
STS-M-383-2426-13 SAMTEC-STS-M-383-2426-13 Datasheet
725Kb / 3P
   Straight Action Hand Tool
STS-M-310-1012-14 SAMTEC-STS-M-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
STS-M-174-2030-13 SAMTEC-STS-M-174-2030-13 Datasheet
995Kb / 3P
   Straight Action Hand Tool
STS-M-281-2430-13 SAMTEC-STS-M-281-2430-13 Datasheet
886Kb / 3P
   Straight Action Hand Tool
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com