Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MMSD-06-20-L-03.25 Datasheet(Hoja de datos) 1 Page - Samtec, Inc

No. de Pieza. MMSD-06-20-L-03.25
Descripción  MINI MATE® CABLE ASSEMBLY
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMTEC [Samtec, Inc]
Página de inicio  http://www.samtec.com/
Logo 

   
 1 page
background image
(2.54 mm) .100"
MMSD, MMSDT, MMSS, MMSST SERIES
MMSS–10–20–L–03.25–D–K–LUS
MMSD–05–20–L–04.25–D–K–MUX
Wire range from
20-30 AWG
Cable plugs also available.
See MMTD Series
Single or double
ended available
Metal or
plastic latch
WWW.SAMTEC.COM
Due to technical progress, all designs, specifications and components are subject to change without notice.
Some lengths, styles and
options are non-standard,
non-returnable.
SPECIFICATIONS
Board Mates:
IPL1
(Does not mate with IPT1)
Cable Mates:
MMTD(T), MMTS(T)
PINS PER
ROW
WIRE
GAUGE
PLATING
OPTION
ASSEMBLY
LENGTH
LATCH
OPTION
–S
= Single End
–D
= Double End
(Latch Required)
TYPE
END
OPTION
For complete specifications
see www.samtec.com?MMSD,
www.samtec.com?MMSDT,
www.samtec.com?MMSS or
www.samtec.com?MMSST
Insulator Material:
Nylon 66
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over
50 µ" (1.27 µm) Ni
Operating Temp Range:
-10 °C to +105 °C (PVC)
for 20, 22, 24, 26 AWG
-10 °C to +80 °C (PVC)
for 28, 30 AWG
-40 °C to +125 °C (*Teflon®)
Voltage Rating:
300 VAC
Wire:
20 to 30 AWG
RoHS Compliant:
Yes
–L
= 10 µ"
(0.25 µm)
Gold on
contact,
Tin on tail
K
–K
= Keyed
Polarization
–M = Single Ended,Metal Latches
(Leave blank for plastic)
Double Ended (–D) Crossed
requires MMSD/MMSDT
–LUS = Plastic Latch up,straight
–LDS = Plastic Latch down,straight
–LUX = Plastic Latch up,crossed
–LDX = Plastic Latch down,crossed
–MUS = Metal Latch up,straight
–MDS = Metal Latch down,straight
–MUX = Metal Latch up,crossed
–MDX = Metal Latch down,crossed
Notes:
For wiring option information
refer to drawing on web.
MMSD
= Double Row
PVC Cable
MMSDT
= Double Row
*Teflon® Cable
(20, 24, 28 &
30 AWG only)
MMSS
= Single Row
PVC Cable
MMSST
= Single Row
*Teflon® Cable
(20, 24, 28 &
30 AWG only)
MINI MATE® CABLE ASSEMBLY
–“XX.XX”
= Assembly
Length in Inches
(82.55 mm)
03.25" min.
F-217
Assembly
Length
± (3.18)
.125
25
(2.54) .100
(12.83)
.505
No. of positions
x (2.54) .100
+ (1.40) .055
(8.89)
.350
01
(2.54)
.100
–M & –MXX
(MMSD/MMSDT)
–D–K–MUS
–D–K–LUS
MMSS/
MMSST
MMSD/
MMSDT
(Metal latches for more
rugged environments;
–02, –05 & –10 positions only)
APPLICATION
–20C, –24C, –28C
CABLE
COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
BLUE
7
VIOLET
8
GRAY
9
WHITE
10
BLACK
ETC
REPEAT
*DuPontTeflon®
is a registered
trademark of the
E.I. du Pont de
Nemours
and Company or
its affiliates.
–02, –03,
–04, –05,
–06, –08,
–10, –12,
–15, –16,
–20, –25
(Standard sizes)
MMSD/IPL1
WIRE
GAUGE
CURRENT
RATING
(PER PIN)
20
5.4 A
22
4.3 A
24
3.9 A
26
3.5 A
28
2.6 A
30
2.1 A
1 PIN POWERED
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
ALSO AVAILABLE
(MOQ Required)
OTHER
SOLUTIONS
• Other color coded cables
(*Teflon® N/A)
• Other sizes/pin counts
• Other Gold platings
• Guide post
Contact Samtec.
• Plug Polarization
For specification, see
www.samtec.com?PK-79.
Note: Teflon® cable is intended
for crimp only. Contact Samtec
for solderable cable applications.
–20
–20C
= Color
Coded
Cable
–22
–24
–24C
= Color
Coded
Cable
–26
–28
–28C
= Color
Coded
Cable
–30
FILE NO. E111594




Html Pages

1 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl