Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7356ADP Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI7356ADP
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7356ADP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7356ADP Datasheet HTML 1Page - Vishay Siliconix SI7356ADP Datasheet HTML 2Page - Vishay Siliconix SI7356ADP Datasheet HTML 3Page - Vishay Siliconix SI7356ADP Datasheet HTML 4Page - Vishay Siliconix SI7356ADP Datasheet HTML 5Page - Vishay Siliconix SI7356ADP Datasheet HTML 6Page - Vishay Siliconix SI7356ADP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 73425
S-80439-Rev. B, 03-Mar-08
www.vishay.com
3
Vishay Siliconix
Si7356ADP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
60
70
0.0
0.3
0.6
0.9
1.2
1.5
VGS = 10 thru 4 V
VDS - Drain-to-Source Voltage (V)
3 V
0.0020
0.0024
0.0028
0.0032
0.0036
0.0040
0
102030405060
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
2
4
6
8
10
0
20406080
100
Qg - Total Gate Charge (nC)
VDS = 10 V
VDS = 20 V
VDS = 15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
25 °C
0
1600
3200
4800
6400
8000
0
5
10
15
20
25
30
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
TJ - Junction Temperature (°C)
VGS = 4.5 V
ID = 20 A


Número de pieza similar - SI7356ADP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7356DP VISHAY-SI7356DP Datasheet
67Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
SI7356DP-T1 VISHAY-SI7356DP-T1 Datasheet
67Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results

Descripción similar - SI7356ADP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com