Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX55 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza BCX55
Descripción Electrónicos  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BCX55 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BCX55 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BCX55 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BCX55 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BCX55 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BCX55 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
NPN Silicon AF Transistors
BCX54/BCX55/BCX56
E033
www.gmicroelec.com
Rev.A
1
FEATURES
For AF driver and output stages
High collector current
Low collector-emitter saturation voltage
Complementary types: BCX51…BCX53(PNP)
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
BCX54
BA
SOT-89
BCX54-10
BC
SOT-89
BCX54-16
BD
SOT-89
BCX55
BE
SOT-89
BCX55-10
BG
SOT-89
BCX55-16
BM
SOT-89
BCX56
BH
SOT-89
BCX56-10
BK
SOT-89
BCX56-16
BL
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BCX54
BCX55
BCX56
45
60
100
V
VCEO
Collector-Emitter Voltage
BCX54
BCX55
BCX56
45
60
80
V
VEBO
Emitter-Base Voltage
5
V
IC
DC Collector Current
1
A
ICM
Peak Collector Current
1.5
A
IB
Base current
100
mA
IBM
Peak base current
200
mA
Ptot
Total power dissipation,TS=130℃
500
mW
Tj,Tstg
Junction and Storage Temperature
-65 to +150
Pb
Lead-free


Número de pieza similar - BCX55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCX55 PHILIPS-BCX55 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Nanjing International G...
BCX55 DGNJDZ-BCX55 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
BCX55 HTSEMI-BCX55 Datasheet
495Kb / 2P
   TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
BCX55 HOTTECH-BCX55 Datasheet
720Kb / 4P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX55 SIEMENS-BCX55 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

Descripción similar - BCX55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com