Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC807-25W Datasheet(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza BC807-25W
Descripción Electrónicos  PNP Silicon Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC807-25W Datasheet(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  BC807-25W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC807-25W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC807-25W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC807-25W Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BC807-25W Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Production specification
PNP Silicon Epitaxial Planar Transistor
BC807W
F044
www.gmicroelec.com
Rev.A
5
PACKAGE OUTLINE
Plastic surface mounted package
SOT-323
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BC807W
SOT-323
3000/Tape&Reel
SOT-323
Dim
Min
Max
A
2.00
2.20
B
1.15
1.35
C
0.95 Typical
D
0.30 Typical
E
0.25
0.40
G
1.2
1.4
H
0.02
0.10
J
0.10 Typical
K
2.20
2.40
All Dimensions in mm
1.90
0.65
0.65
0.90
0.70
A
D
J
G
C


Número de pieza similar - BC807-25W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC807-25W PHILIPS-BC807-25W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Shenzhen Jin Yu Semicon...
BC807-25W HTSEMI-BC807-25W Datasheet
275Kb / 2P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BC807-25W SIEMENS-BC807-25W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Taiwan Semiconductor Co...
BC807-25W TSC-BC807-25W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
logo
Infineon Technologies A...
BC807-25W INFINEON-BC807-25W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Descripción similar - BC807-25W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com