Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD0803S040S0R2 Datasheet(PDF) 1 Page - AVX Corporation

No. de Pieza. SD0803S040S0R2
Descripción  Schottky Barrier Rectifier Diode
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo 

SD0803S040S0R2 Datasheet(HTML) 1 Page - AVX Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
083116
Schottky Barrier Rectifier Diode
Lead-less Chip Form
GENERAL DESCRIPTION
AVX Schottky rectifier diodes offer unique lead-less chip
packaging technology which eliminates the lead frame wire
bond to give the chip top-bottom symmetry for fewer
mounting problems, better heat transfer, and current
handling capability (compared to SOD devices).
FEATURES
• Lead-less chip form
• Low Vf
• High current capability
• Low power loss/high efficiency
• UL 94V-0 class package material
• Halogen free
APPLICATIONS
• Switch mode power supplies
• High frequency rectification
• Portable battery powered devices
• Reverse bias protection
MECHANICAL DATA
Case: FRP substrate with epoxy underfill
Terminations: 100% Sn plated (Pb-free), solderable
per MIL-STD-750, Method 2026.
Operating Temperature: -55°C to 125°C
Storage Temperature: -55°C to 150°C
AVX SCHOTTKY DIODE CURRENTS BY CASE SIZE
Size
Max Forward Current
EIAJ
JEDEC
.1A
.2A
.3A
.5A
1A
2A
3A
5A
8A
0603
SOD-523
••
0805
SOD-323
••
1206
SOD-123
•••
2010
SMA (D0-214AC)
••
2114
SMB (D0-214AA)
••
3220
SMC (D0-214AB)
LEAD-FREE COMPATIBLE
COMPONENT
SD
Series
Schottky
Diodes
HOW TO ORDER
3220
Size
3220
2114
2010
1206
0805
0603
S
Thickness
S = Standard
T = Thin
020
Voltage
020 = 20V
030 = 30V
040 = 40V
060 = 60V
100 = 100V
150 = 150V
200 = 200V
S
Vf
S = Standard
L = Low
3R0
Current
0R1 = 0.1
0R2 = 0.2
0R3 = 0.3
0R5 = 0.5
1R0 = 1.0
Schottky Barrier Rectifier Diode
Lead-less Chip Form
••


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn