Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PDA100W-1A0GB Datasheet(PDF) 4 Page - Phihong USA Inc.

No. de pieza PDA100W-1A0GB
Descripción Electrónicos  100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHIHONG [Phihong USA Inc.]
Página de inicio  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA100W-1A0GB Datasheet(HTML) 4 Page - Phihong USA Inc.

  PDA100W-1A0GB Datasheet HTML 1Page - Phihong USA Inc. PDA100W-1A0GB Datasheet HTML 2Page - Phihong USA Inc. PDA100W-1A0GB Datasheet HTML 3Page - Phihong USA Inc. PDA100W-1A0GB Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Factor vs. Load
Total Harmonic Distortion vs. Load
Efficiency vs. Load for PDA100W-700GB
Lifetime vs. Tc
Dimming Curve
PDA100W Characteristics
WWW.PHIHONG.COM


Número de pieza similar - PDA100W-1A0GB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Phihong USA Inc.
PDA100W-1A0GD PHIHONG-PDA100W-1A0GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
More results

Descripción similar - PDA100W-1A0GB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Phihong USA Inc.
PDA100W-700GD PHIHONG-PDA100W-700GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA075W-T700G PHIHONG-PDA075W-T700G Datasheet
167Kb / 4P
   75W LED Driver with 3 Channel Constant Current Outputs 0-10V Dimming LED Power Supply
PDA026W-D350G PHIHONG-PDA026W-D350G Datasheet
146Kb / 3P
   26W LED Driver with 2 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA038W-T350G PHIHONG-PDA038W-T350G Datasheet
185Kb / 4P
   36W LED Driver with 3 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA037W-350G PHIHONG-PDA037W-350G Datasheet
224Kb / 4P
   37W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA050W-450G PHIHONG-PDA050W-450G Datasheet
224Kb / 3P
   50W LED Driver with 4 Channel Constant Current Outputs LED Power Supply with 0-10V Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA100B-48VG PHIHONG-PDA100B-48VG Datasheet
441Kb / 3P
   100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com