Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CBT6832E Datasheet(PDF) 4 Page - NXP Semiconductors

No. de Pieza. CBT6832E
Descripción  16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

CBT6832E Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
CBT6832E
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged
outputs and Schottky undershoot protection for live insertion
2000 Sep 01
4
DC ELECTRICAL CHARACTERISTICS
Over operating temperature range Tamb = 0°C to +70°C; VCC = 5 V ±10%; VBIAS = 1.3 V to VCC, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
VIH
Input HIGH voltage
Guaranteed logic HIGH level
2.0
V
VIL
Input LOW voltage
Guaranteed logic LOW level
–0.5
0.8
V
IIH
Input HIGH current
VCC = 5.5 V, VIN = VCC
±5
µA
IIL
Input LOW current
VCC = 5.5 V, VIN = GND
±5
µA
IOZH
High impedance output current
A = 0 V or VCC MAX,
VBIAS1 = VBIAS2 = VCC MAX
±1
µA
IOZL
Low impedance output current
B = 0 V or VCC MAX,
VBIAS1 = VBIAS2 = VCC MAX
–0.2
–2
mA
VIK
Input clamp voltage
VCC = 4.5 V; II = –18 mA
–0.7
–1.8
V
r
Switch on resistance2
VCC = 4.5 V; VI = 0 V; II = 48 mA
5
8
ron
Switch on resistance2
VCC = 4.5 V; VI = 2.4 V; II = –15 mA
10
15
Capacitance3 (Tamb = +25°C; f = 1 MHz)
CIN
Input capacitance
VI = 0 V
4.5
pF
COFF B
B capacitance, switch off
VI = 0 V
8
pF
COFF A
A capacitance, switch off
VI = 0 V
13
pF
CON 1
Capacitance, switch on (one B)
VI = 0 V
21
pF
CON 2
Capacitance, both B channels enabled
VI = 0 V
34
pF
Power supply
ICC
Quiescent supply current enabled
VCC = 5.5 V; VI = VCC or GND
100
µA
∆ICC
Additional supply current per input pin5
VCC = 5.5 V, one input at 3.4 V,
other inputs at VCC or GND
2.5
mA
NOTES:
1. All typical values are at VCC = 5 V, Tamb = +25°C ambient and maximum loading.
2. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch.
On-state resistance is determined by the lowest voltage of the two (A or B) terminals.
3. These parameters are determined by device characterization, but is not production tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. Per TTL driven input (VI = 3.4 V, control inputs only); A and B pins do not contribute to ICC.
6. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency.
The A and B inputs generate no significant AC or DC currents as they transition. this parameter is not tested, but is guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn