Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD0922J75100AHF Datasheet(PDF) 4 Page - Anaren Microwave

No. de pieza BD0922J75100AHF
Descripción Electrónicos  Ultra Low Profile 0805 Balun
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD0922J75100AHF Datasheet(HTML) 4 Page - Anaren Microwave

  BD0922J75100AHF Datasheet HTML 1Page - Anaren Microwave BD0922J75100AHF Datasheet HTML 2Page - Anaren Microwave BD0922J75100AHF Datasheet HTML 3Page - Anaren Microwave BD0922J75100AHF Datasheet HTML 4Page - Anaren Microwave BD0922J75100AHF Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Visit us at
www.Anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD0922J75100AHF
Rev. A
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from organic PTFE based composites which possess excellent
electrical and mechanical stability. Xinger components are compliant to a variety of ROHS and Green standards and
ready for Pb-free soldering processes. Pads are Gold plated with a Nickel barrier.
An example of the PCB footprint used in the testing of these parts is shown below. In specific designs, the
transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying
pick and place equipment tolerances.
No Bias Footprint
6x .41
6x .33
.04
4x .25
.66
3x Transmission
lines
Plated thru holes to ground
Plated thru
holes to
ground
Circuit Pattern
Footprint Pad (s)
Solder Resist
Mounting Footprint
Dimensions are in Millimeters
DC Bias Footprint
6x .36
6x .33
.04
4x .25
.66
3x Transmission
lines
Plated thru
holes to
Circuit Pattern
Footprint Pad (s)
Solder Resist
0402
Capacitor
Mounting Footprint
Dimensions are in Millimeters
Plated thru
holes to
ground


Número de pieza similar - BD0922J75100AHF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BeRex Corporation
BD0926 BEREX-BD0926 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
169Kb / 4P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD0926 BEREX-BD0926 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_1 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
More results

Descripción similar - BD0922J75100AHF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
BD1722J50100AHF ANAREN-BD1722J50100AHF Datasheet
188Kb / 5P
   Ultra Low Profile 0805 Balun
BD2425J50100AHF ANAREN-BD2425J50100AHF Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun
B0322J5050A00 ANAREN-B0322J5050A00 Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD1722J50200AHF ANAREN-BD1722J50200AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun
BD0810J50150AHF ANAREN-BD0810J50150AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD2425J50200AHF ANAREN-BD2425J50200AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
B0430J50100A00 ANAREN-B0430J50100A00 Datasheet
288Kb / 4P
   Ultra Low Profile 0805 Balun
B0310J50100A00 ANAREN-B0310J50100A00 Datasheet
285Kb / 5P
   Ultra Low Profile 0805 Balun
B0225J7575A00 ANAREN-B0225J7575A00 Datasheet
296Kb / 5P
   Ultra Low Profile 0805 Balun
BD1222J50200AHF ANAREN-BD1222J50200AHF Datasheet
185Kb / 5P
   Ultra Low Profile 0805 Balun
B0922J7575AHF ANAREN-B0922J7575AHF Datasheet
3Mb / 4P
   Ultra Low Profile 0805 Balun
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com