Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DG183 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de Pieza. DG183
Descripción  High-Speed Drivers and Dual DPST JFET Switches
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

DG183 Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DG183/184/185
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-6
Document Number: 70032
S-52895—Rev. D, 16-Jun-97
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
IIN vs. VIN and Temperature
Supply Current vs. Temperature
Temperature (
_C)
Temperature (
_C)
5
4
3
2
1
0
–55
–35
–15
5
25
45
65
85
105
125
0
100
80
60
40
20
–55
–35
–15
5
25
45
65
85
105
125
IL
I+
–IR
–I–
–IINL
IINH
VINL = 0
VINH = 5 V
Switching Time vs. VD and Temperature (DG183)
rDS(on) vs. Temperature
Leakage vs. Temperature (DG183)
Switching Time vs. VD and Temperature (DG184/185)
Temperature (
_C)
Temperature (
_C)
Temperature (
_C)
Temperature (
_C)
100
1
–50
–25
0
25
50
75
100
125
10
230
90
–55
–35
–15
5
25
45
65
85
105
125
210
190
170
150
130
110
VD= –7.5 V
IS = –10 mA
tOFF
tON
DG183
DG184
DG185
100
0.1
25
45
65
85
105
125
10
1
ID(on)
ID(off)
IS(off)
V+ = 10 V
V– = –20 V
VL = 5 V
VR = 0
130
50
–55
–35
–15
5
25
45
65
85
105
125
120
110
100
90
80
70
60
tOFF
tON
VD = –7.5 V
VD = 7.5 V
VD = –7.5 V
VD = 7.5 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn