Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DG183 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de Pieza. DG183
Descripción  High-Speed Drivers and Dual DPST JFET Switches
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

DG183 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DG183/184/185
Vishay Siliconix
Document Number: 70032
S-52895—Rev. D, 16-Jun-97
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONSa FOR DG183
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
B Suffix
–25 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, VL = 5 V
VR = 0 V, VIN = 0.8 V or 2 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–7.5
15
–7.5
15
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = –7.5 V
Room
Full
7.5
10
20
15
25
W
Source Off
Lk
C
t
IS(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.05
10
1000
15
300
A
Leakage Current
IS(off)
VS = "7.5 V, VD = #7.5 V
Room
Hot
0.05
10
1000
15
300
A
Drain Off
Lk
C
t
ID(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.04
10
1000
15
300
nA
Leakage Current
ID(off)
VS = "7.5 V, VD = #7.5 V
Room
Hot
0.03
10
1000
15
300
Channel On
Leakage Current
ID(on)
VD = VS = "7.5 V
Room
Hot
–0.1
–2
–200
–10
–200
Saturation Drain Current
IDSS
2 ms Pulse Duration
Room
300
mA
Digital Input
Input Current with
Input Voltage High
IINH
VIN = 5 V
Room
Hot
<0.01
10
20
10
20
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Full
–30
–250
–250
mA
Dynamic Characteristics
Turn-On Time
ton
See Switching Time Test Circuit
Room
240
400
600
ns
Turn-Off Time
toff
See Switching Time Test Circuit
Room
140
200
220
ns
Source-Off Capacitance
CS(off)
f1 MH
VS = –5 V, ID = 0
Room
21
Drain-Off Capacitance
CD(off)
f = 1 MHz
VD = –5 V, IS = 0
Room
17
pF
Channel-On Capacitance
CD(on)
VD = VS = 0 V
Room
17
Off Isolation
OIRR
f = 1 MHz, RL = 75 W
Room
>55
dB
Power Supplies
Positive Supply Current
I+
V0 V
5 V
Room
0.6
1.5
1.5
A
Negative Supply Current
I–
VIN = 0 V, or 5 V
Room
–2.7
–5
–5
mA
Logic Supply Current
IL
VIN = 0 V, or 5 V
Room
3.1
4.5
4.5
mA
Reference Supply Current
IR
Room
–1
–2
–2
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn