Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DG183 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de Pieza. DG183
Descripción  High-Speed Drivers and Dual DPST JFET Switches
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

DG183 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DG183/184/185
Vishay Siliconix
Document Number: 70032
S-52895—Rev. D, 16-Jun-97
www.vishay.com
S FaxBack 408-970-5600
4-5
SPECIFICATIONSa FOR DG185
Test Conditions
Unless Otherwise Specified
A Suffix
–55 to 125
_C
B Suffix
–25 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, VL = 5 V
VR = 0 V, VIN = 0.8 V or 2 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–10
15
–10
15
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = –7.5 V
Room
Full
35
75
150
100
150
W
Source Off
Lk
C
t
IS(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.05
1
100
5
100
A
Leakage Current
IS(off)
VS = "10 V, VD = #10 V
Room
Hot
0.07
1
100
5
100
A
Drain Off
Lk
C
t
ID(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.4
1
100
5
100
nA
Leakage Current
ID(off)
VS = "10 V, VD = #10 V
Room
Hot
0.3
1
100
5
100
Channel On
Leakage Current
ID(on)
VD = VS = "10 V
Room
Hot
–0.03
–2
–200
–10
–200
Digital Input
Input Current with
Input Voltage High
IINH
VIN = 5 V
Room
Hot
<0.01
10
20
10
20
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Full
–30
–250
–250
mA
Dynamic Characteristics
Turn-On Time
ton
See Switching Time Test Circuit
Room
120
250
300
ns
Turn-Off Time
toff
See Switching Time Test Circuit
Room
100
130
150
ns
Source-Off Capacitance
CS(off)
f1 MH
VS = –5 V, ID = 0
Room
9
F
Drain-Off Capacitance
CD(off)
f = 1 MHz
VD = –5 V, IS = 0
Room
6
pF
Channel-On Capacitance
CD(on)
VD = VS = 0 V
Room
14
Off Isolation
OIRR
f = 1 MHz, RL = 75 W
Room
>50
dB
Power Supplies
Positive Supply Current
I+
V0 V
5 V
Room
0.6
3
3
A
Negative Supply Current
I–
VIN = 0 V, or 5 V
Room
–2.7
–5.5
–5.5
mA
Logic Supply Current
IL
VIN = 0 V, or 5 V
Room
3.1
4.5
4.5
mA
Reference Supply Current
IR
Room
–1
–2
–2
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn