Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-CCA002V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-CCA002V1
Descripción Electrónicos  Thermal and short-circuit protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA002V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA002V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA002V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA002V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA002V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 1
1/4
4
STEVAL-CCA002V1
Low voltage differential audio power amplifier
based on the TS4994
Features
TS4994 low voltage differential audio power
amplifier with Programmable standby mode
Operates from VCC=2.5 V to 5.5 V
1 W output power @ VCC=5 V, THD+N=1%,
F=1 kHz, with 8 W load
Ultra low power consumption in standby mode
(10 nA)
100 dB PSRR @ 217 Hz in grounded mode
(Av=1 V/V)
Near zero pop & click
Ultra low distortion (0.1%)
Module gain set at 1V/V
Thermal and short-circuit protection
Description
This evaluation board is designed with the
TS4994 low power differential audio amplifier. The
micro-package DFN10 (dual flat non-leaded 10
pins) allows space saving and good thermal
dissipation. The differential gain is set at 1 V/V
and can be adapted as necessary through a
modification of the R1 to R4 values.
Equation 1
On the board, you can set the Cn3 and Cn4
jumpers can be set to modify the input
configuration from capacitor coupled to common
mode feedback. In capacitor coupled
configuration, the -3dB cut-off frequency in Hz is:
Equation 2
with R in ohms, C in farads and C1=C2. For more
detailed information about component calculation,
refer to the TS4994 datasheet.
Av
R2
R1
--------
R4
R3
--------
=
=
R1
R3
=
R2
R4
=
with
with
1
6.28
R1
C1
⋅⋅
()
-----------------------------------------------
1
6.28
R3
C2
⋅⋅
()
-----------------------------------------------
=
STEVAL-CCA002V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - STEVAL-CCA002V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-CCA001V1 STMICROELECTRONICS-STEVAL-CCA001V1 Datasheet
68Kb / 4P
   Mono class audio amplifier based on TS4962MEIJT in flip chip
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
STEVAL-CCA004V1 STMICROELECTRONICS-STEVAL-CCA004V1 Datasheet
95Kb / 4P
   Internal reconstruction filter
STEVAL-CCA005V1 STMICROELECTRONICS-STEVAL-CCA005V1 Datasheet
98Kb / 4P
   Evaluation board for the TSH173 triple video buffer with filter
STEVAL-CCA006V1 STMICROELECTRONICS-STEVAL-CCA006V1 Datasheet
100Kb / 4P
   3 channels with 6 dB gain buffer
More results

Descripción similar - STEVAL-CCA002V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST1S15 STMICROELECTRONICS-ST1S15 Datasheet
1Mb / 27P
   Short-circuit and thermal protection
February 2015 Rev 4
logo
Vicor Corporation
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ Datasheet
1Mb / 25P
   OV, OC, UV, short circuit and thermal protection
logo
Infineon Technologies A...
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
   Short circuit and overtemperature protection
logo
Laird Tech Smart Techno...
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com