Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1508 Datasheet(PDF) 2 Page - Gennum Corporation

No. de pieza GS1508
Descripción Electrónicos  HDTV Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508 Datasheet(HTML) 2 Page - Gennum Corporation

  GS1508 Datasheet HTML 1Page - Gennum Corporation GS1508 Datasheet HTML 2Page - Gennum Corporation GS1508 Datasheet HTML 3Page - Gennum Corporation GS1508 Datasheet HTML 4Page - Gennum Corporation GS1508 Datasheet HTML 5Page - Gennum Corporation GS1508 Datasheet HTML 6Page - Gennum Corporation GS1508 Datasheet HTML 7Page - Gennum Corporation GS1508 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
522 - 02 - 03
2
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise indicated
PARAMETER
VALUE
Supply Voltage
5.5V
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Storage Temperature
-65°C to 150°C
Power Dissipation
300mW
Lead Temperature (soldering, 10 sec)
260°C
Input ESD Voltage
2000V
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, TA = 0°C to 70°C unless otherwise shown.
Specifications assume 800mV output amplitude level settings into end terminated 75
Ω transmission lines. Data Rate = 1485Mb/s unless otherwise shown.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Supply Voltage
VCC
4.75
5.00
5.25
V
1
System Power
Consumption
Driving two
75
Ω cables
PD
-
215
265
mW
1
Supply Current
IS
-43
54
mA
1
Common Mode Input
Voltage Range
VCM,IN
2.5+(VDIFF/2)-
VCC-(VDIFF/2)V
2
Common Mode Output
Voltage Range
VCM,OUT
-VCC-VOUT
-V
2
AC ELECTRICAL CHARACTERISTICS
VCC = 5V, TA = 0°C to 70°C unless otherwise shown.
Specifications assume 800mV output amplitude levels into end terminated 75
Ω transmission lines. Data Rate = 1485Mb/s unless otherwise shown.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Serial Digital Rate
DC
1485
-
Mb/s
1
Additive Jitter
1485Mb/s
-
5
-
psRMS
13
Differential Input
VDIFF
150
-
800
mV
diff p-p
2
Differential Output
VOUT
750
800
850
mV
p-p
1
Output Rise/Fall Times
(20% - 80%)
tR, tF
-
120
250
ps
2
1
Mismatch in Output Rise/Fall
Times
-15
30
ps
4
Overshoot
-
1
8
%
4
Duty Cycle Distortion
-
15
30
ps
1
Output Return Loss
5MHz to 1485MHz
-
17
-
dB
2
4
NOTES:
1. RMS additive jitter measured using Pseudo Random bit sequence (2
23 - 1).
2. Measured with Gennum Evaluation Board (EB1508).
TEST LEVELS:
1. 100% tested at 25°C.
2. Guaranteed by design.
3. Correlated Value.
4. Tested with EB1508


Número de pieza similar - GS1508

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1508 GENNUM-GS1508 Datasheet
780Kb / 14P
   HDTV Cable Driver
GS1508-CKAE3 GENNUM-GS1508-CKAE3 Datasheet
780Kb / 14P
   HDTV Cable Driver
GS1508-CTAE3 GENNUM-GS1508-CTAE3 Datasheet
780Kb / 14P
   HDTV Cable Driver
logo
DAESAN ELECTRONIC CORP.
GS1508FL DAESAN-GS1508FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1508FL-AU PANJIT-GS1508FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

Descripción similar - GS1508

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1508 GENNUM-GS1508_10 Datasheet
780Kb / 14P
   HDTV Cable Driver
logo
Faraday Technology
FFC010A075 FARADAY-FFC010A075 Datasheet
46Kb / 2P
   HDTV CABLE CLONE
FPC150A075 FARADAY-FPC150A075 Datasheet
13Kb / 2P
   HDTV CABLE CLONE
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
[Old version datasheet]   Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
   HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com