Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5012N3LM Datasheet(PDF) 1 Page - Astec America, Inc

No. de pieza AD5012N3LM
Descripción Electrónicos  AD50 Medical Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASTEC [Astec America, Inc]
Página de inicio  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AD5012N3LM Datasheet(HTML) 1 Page - Astec America, Inc

  AD5012N3LM Datasheet HTML 1Page - Astec America, Inc AD5012N3LM Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 05.18.11_108
AD50 Medical Series
1 of 2
Embedded Power for
Business-Critical Continuity
AD50 Medical Series
50 Watts
Special Features
•UniversalACinput
•Fullyregulatedoutput
•EN61000-3-2compliant
•Inputpower<74watts
•Overcurrentandovervoltage
protection
•Highefficiency
•HighMTBF
•IEC320ACinputreceptacle
3pin(typeC6)-AD5012N3LM
2pin(typeC8)-AD5012N2LM
•BuiltinEMIfilter
•(CISPR22ClassB)
•ACinputfuse
•ComplieswithOneWatt
InputEnergyStar/BlueAngel
Requirement
Total Power:
50 Watts
Input Voltage:
90-264VAC
# of Outputs:
Single
Safety
Input
Inputrange:
90-264Vac(widerange)
Frequency:
47-63Hz
Inrushcurrent:
60Amaximum@230VAC,coldstart25°C
Inputcurrent:
2Amaximum
Efficiency:
80%typical
EMI/RFI:
FCCPart15,ClassB&EN55022(CISPR22)ClassB
Safetyground
leakagecurrent:
300µAmaximum@50/60Hz,264VACinput-AD5012N3L
100µAmaximum@50/60Hz,264VACinput-AD5012N2L
Output
MaximumPower(Po):
50 W
Hold-uptime:
17ms.minimumatfullload@100Vac,47Hz
Overvoltageprotection: 16-20V
Latchingtype,recycleACtoreset.
Overcurrentprotection: Outputshortcircuitprotectionautorecover
Overloadprotection@110-120%abovemaximumrating
Cable/connector:
DCcablewith2.5mmx5.5mmbarrelplug
DCplugcenter+v
DCplugouter-v
CSAUL UL60601-1
CSA
60601-1
VDE
60601-1
Operatingtemperature:
5°to+40°Cambient
Storagetemperature:
-40°Cto+70°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4-2,-4,-5,level4;
EN61000-4-3,-6,10v/m;EN61000-4-8,-11;EN61000-3-3
andEN61000-3-2ClassA
Humidity:
Operating;non-condensing10%to90%RH
MTBFdemonstrated:
>300,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
Electrical Specifications


Número de pieza similar - AD5012N3LM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emerson Network Power
AD5012N3LM EMERSON-NETWORKPOWER-AD5012N3LM Datasheet
236Kb / 2P
   Universal AC input
More results

Descripción similar - AD5012N3LM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRIAD MAGNETICS
VPM12-2080 TRIAD-VPM12-2080 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-12500 TRIAD-VPM240-12500 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-31200 TRIAD-VPM240-31200 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-41600 TRIAD-VPM240-41600 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM12-4170 TRIAD-VPM12-4170 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-20800 TRIAD-VPM240-20800 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-28100 TRIAD-VPM240-28100 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-670 TRIAD-VPM240-670 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-15600 TRIAD-VPM240-15600 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-36400 TRIAD-VPM240-36400 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com