Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM384P120M1K5AC1 Datasheet(PDF) 5 Page - Vicor Corporation

No. de pieza BCM384P120M1K5AC1
Descripción Electrónicos  Up to 1500 W continuous output power
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384P120M1K5AC1 Datasheet(HTML) 5 Page - Vicor Corporation

  BCM384P120M1K5AC1 Datasheet HTML 1Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 2Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 3Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 4Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 5Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 6Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 7Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 8Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 5 of 23
05/2015
800 927.9474
BCM384y120x1K5AC1
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain
Input voltage range, continuous
VIN_DC
260
410
V
Input voltage range, transient
VIN_TRANS
Full current or power supported, 50 ms max,
260
410
V
10% duty cycle max
VIN µController Active
VµC_ACTIVE
VIN voltage where µC is initialized,
130
V
(ie VAUX = Low, powertrain inactive)
Input Voltage Slew Rate
dVIN/dt
VIN_UVLO- ≤ VIN ≤ VIN_OVLO+
0.001
1000
V/ms
Quiescent current
IQ
Disabled, EN Low, VIN = 384 V
2
mA
TINTERNAL ≤ 100ºC
4
No load power dissipation
PNL
VIN = 384 V, TINTERNAL = 25ºC
11
17
W
VIN = 384 V
5.9
25
VIN = 260 V to 410 V, TINTERNAL = 25ºC
19
VIN = 260 V to 410 V
27
Inrush current peak
IINR_P
VIN = 410 V, COUT = 1000 µF,
10
RLOAD = 25% of full load current
A
TINTERNAL ≤ 100ºC
15
DC input current
IIN_DC
At POUT= 1500 W, TINTERNAL ≤ 100ºC
4.1
A
Transformation ratio
K
K = VOUT/VIN, at no load
1/32
V/ V
Output power (continuous)
POUT_DC
1500
W
Output power (pulsed)
POUT_PULSE
10 ms pulse, 25% Duty cycle, PTOTAL = % rated POUT_DC
2000
W
Output current (continuous)
IOUT_DC
125
A
Output current (pulsed)
IOUT_PULSE
10 ms pulse, 25% Duty cycle, ITOTAL = % rated IOUT_DC
167
A
VIN = 384 V, IOUT = 125 A
96.2
97
Efficiency (ambient)
hAMB
VIN = 260 V to 410 V, IOUT = 125 A
95.2
%
VIN = 384 V, IOUT = 62.5 A
96.5
97.4
Efficiency (hot)
hHOT
VIN = 384 V, IOUT = 125 A, TINTERNAL = 100°C
95.8
97
%
Efficiency (over load range)
h
20%
25 A < IOUT < 125 A, TINTERNAL ≤ 100ºC
90
%
ROUT_COLD
VIN = 384 V, IOUT = 125 A, TINTERNAL = -40°C
1.10
1.50
1.80
Output resistance
ROUT_AMB
VIN = 384 V, IOUT = 125 A
1.50
1.85
2.30
m
Ω
ROUT_HOT
VIN = 384 V, IOUT = 125 A, TINTERNAL = 100°C
1.80
2.30
2.70
Switching frequency
FSW
Frequency of the Output Voltage Ripple = 2x FSW
0.95
1.00
1.05
MHz
COUT = 0 F, IOUT = 125 A, VIN = 384 V,
195
Output voltage ripple
VOUT_PP
20 MHz BW
mV
TINTERNAL ≤ 100ºC
250
Input inductance (parasitic)
LIN_PAR
Frequency 2.5 MHz (double switching frequency),
7
nH
Simulated lead model
Output inductance (parasitic)
LOUT_PAR
Frequency 2.5 MHz (double switching frequency),
0.64
nH
Simulated lead model
Input Series inductance (internal)
LIN_INT
Reduces the need for input decoupling
0.56
µH
inductance in BCM arrays
Effective Input capacitance (internal)
CIN_INT
Effective value at 384 VIN
0.37
µF


Número de pieza similar - BCM384P120M1K5AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM384P120M1K5AC1 VICOR-BCM384P120M1K5AC1 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Descripción similar - BCM384P120M1K5AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
CUI INC
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
   up to 3 W continuous output
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
   up to 25.2 W continuous power
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
   up to 12 W continuous power
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
   AC-DC POWER SUPPLY up to 25 W continuous output
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
   Up to 1600 W output power
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
logo
CUI INC
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
   up to 350 W isolated output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com