Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8160Z18T-200I Datasheet(PDF) 8 Page - GSI Technology |
|
GS8160Z18T-200I Datasheet(HTML) 8 Page - GSI Technology |
8 / 23 page GS8160Z18/36BT-250/200/150 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.00 8/2004 8/23 © 2004, GSI Technology Pipeline and Flow Through Read Write Control State Diagram Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B and D represent input command codes ,as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline and Flow Through Read/Write Control State Diagram W R |
Número de pieza similar - GS8160Z18T-200I |
|
Descripción similar - GS8160Z18T-200I |