Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD999 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza 2SD999
Descripción Electrónicos  NPN Silicon Epitaxial Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SD999 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SD999 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SD999 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SD999 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SD999 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited 2SD999 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
NPN Silicon Epitaxial Transistor
2SD999
E117
www.gmicroelec.com
Rev.B
1
FEATURES
Low Collector Saturation Voltage:
VCE(sat)<0.4V( IC=1.0A,IB =100mA)
Excellent DC Current Gain Linearity:
hFE=140Typ.( VCE=1.0V, IC=1.0A)
Complements to PNP type 2SB798
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
2SD999
CM/CL/CK
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
1.0
A
PC
Collector power dissipation
2.0
W
Tj
Junction Temperature
-55 to +150
Tstg
Storage Temperature
-55 to +150
Pb
Lead-free


Número de pieza similar - 2SD999

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SD999 NEC-2SD999 Datasheet
222Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SD999 KEXIN-2SD999 Datasheet
51Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
Shenzhen Jin Yu Semicon...
2SD999 HTSEMI-2SD999 Datasheet
343Kb / 1P
   TRANSISTOR(NPN)
logo
SHENZHEN YONGERJIA INDU...
2SD999 WINNERJOIN-2SD999 Datasheet
188Kb / 2P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SD999 FOSHAN-2SD999 Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
More results

Descripción similar - 2SD999

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com