Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSA-213242 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

No. de pieza TSA-213242
Descripción Electrónicos  100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELEDYNE [Teledyne Technologies Incorporated]
Página de inicio  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TSA-213242 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  TSA-213242 Datasheet HTML 1Page - Teledyne Technologies Incorporated TSA-213242 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
650-691-9800•Fax:650-962-6845•Updates:www.teledynemicrowave.com•microwave@teledyne.com
OUTLINE DRAWING - High Power GaN Amplifier
TSA-213242


Número de pieza similar - TSA-213242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teledyne Technologies I...
TSA-213241 TELEDYNE-TSA-213241 Datasheet
172Kb / 2P
   100 TO 1000 MHz, 20 WATTS HIGH POWER GaN AMPLIFIER
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
TSA-213244 TELEDYNE-TSA-213244 Datasheet
172Kb / 2P
   2000 TO 4000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
   2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
More results

Descripción similar - TSA-213242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teledyne Technologies I...
TSA-213241 TELEDYNE-TSA-213241 Datasheet
172Kb / 2P
   100 TO 1000 MHz, 20 WATTS HIGH POWER GaN AMPLIFIER
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
TSA-213244 TELEDYNE-TSA-213244 Datasheet
172Kb / 2P
   2000 TO 4000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
   2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
Stealth Microwave, Inc.
SM1516-50LD STEALTH_MICROWAVE-SM1516-50LD Datasheet
68Kb / 2P
   1500-1600 MHz 100 Watt Power Amplifier
SM1415-50LD STEALTH_MICROWAVE-SM1415-50LD Datasheet
68Kb / 2P
   1400-1500 MHz 100 Watt Power Amplifier
logo
Tyco Electronics
AM05-0006 MACOM-AM05-0006 Datasheet
242Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0006 MACOM-AM05-0006_1 Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0005 MACOM-AM05-0005_1 Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com