Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IDT74LVC11A Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza IDT74LVC11A
Descripción Electrónicos  3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5 VOLT TOLERANT I/O
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC11A Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74LVC11A Datasheet HTML 1Page - Integrated Device Technology IDT74LVC11A Datasheet HTML 2Page - Integrated Device Technology IDT74LVC11A Datasheet HTML 3Page - Integrated Device Technology IDT74LVC11A Datasheet HTML 4Page - Integrated Device Technology IDT74LVC11A Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC11A
3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5V TOLERANT I/O
1
MARCH 1999
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
©1999 Integrated Device Technology, Inc.
DSC-5155/2
FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• All inputs, outputs, and I/Os are 5V tolerant
• Supports hot insertion
• Available in SOIC, SSOP, and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
PIN CONFIGURATION
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems
IDT74LVC11A
DESCRIPTION:
The LVC11A triple 3-input AND gate is built using advanced dual metal
CMOS technology. The LVC11A device provides the 3-input AND
function.
Inputs can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V system environ-
ment.
The LVC11A has been designed with a ±24mA output driver. This driver
is capable of driving a moderate to heavy load while maintaining speed
performance.
SOIC/ SSOP/ TSSOP
TOP VIEW
3.3V CMOS
TRIPLE 3-INPUT AND GATE
WITH 5 VOLT TOLERANT I/O
xA
xB
xY
xC
2
3
1
1
B
VCC
1
A
5
6
4
GND
7
13
12
14
10
9
11
8
2
A
2
C
2
B
2
Y
1
Y
1
C
3
C
3
A
3
B
3
Y
PIN DESCRIPTION
Pin Number
Symbol
Name and Function
1, 3, 9
1A - 3A
Data Inputs
2, 4, 10
1B - 3B
Data Inputs
7
GND
Ground (0V)
12, 6, 8
1Y - 3Y
Data Outputs
13, 5, 11
1C - 3C
Data Inputs
14
VCC
Positive Supply Voltage
FUNCTION TABLE(1)
Inputs
Outputs
xA
xB
xC
xY
LL
L
L
LL
H
L
LH
L
L
LH
H
L
HL
L
L
HL
H
L
HH
L
L
HH
H
H
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level


Número de pieza similar - IDT74LVC11A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT74LVC125A IDT-IDT74LVC125A Datasheet
61Kb / 6P
   3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC125ADC IDT-IDT74LVC125ADC Datasheet
61Kb / 6P
   3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC125APG IDT-IDT74LVC125APG Datasheet
61Kb / 6P
   3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC125APY IDT-IDT74LVC125APY Datasheet
61Kb / 6P
   3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC138A IDT-IDT74LVC138A Datasheet
87Kb / 6P
   3.3V CMOS 3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH 5 VOLT TOLERANT I/O
More results

Descripción similar - IDT74LVC11A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT74LVC08A IDT-IDT74LVC08A Datasheet
56Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE WITH 5 VOLT TOLERANT I/O
IDT74LVC32A IDT-IDT74LVC32A Datasheet
56Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-OR GATE WITH 5 VOLT TOLERANT I/O
IDT74LVC125A IDT-IDT74LVC125A Datasheet
61Kb / 6P
   3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16827A IDT-IDT74LVC16827A Datasheet
104Kb / 6P
   3.3V CMOS 20-BIT BUFFER WITH 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16827A RENESAS-IDT74LVC16827A Datasheet
260Kb / 7P
   3.3V CMOS 20-BIT BUFFER WITH 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC245A IDT-IDT74LVC245A Datasheet
73Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC541A RENESAS-IDT74LVC541A Datasheet
454Kb / 7P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
February 20, 2009
logo
Integrated Device Techn...
IDT74LVC541A IDT-IDT74LVC541A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR2245A IDT-IDT74LVCR2245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2245A IDT-IDT74LVC2245A Datasheet
68Kb / 7P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com