Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2373-3RGWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2373-3RGWR
Descripción Electrónicos  High-Power PoE PD Interface with Advanced Startup
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2373-3RGWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2373-3RGWR Datasheet HTML 7Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 8Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 9Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 10Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 11Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 12Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 13Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 14Page - Texas Instruments TPS2373-3RGWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
RTN
PG
TPS2373
VC_IN
VC_OUT
Xfrmer Aux
Bias Supply
Vc
SS
CVC
PWM
CSS
UCC2897A
Copyright © 2017, Texas Instruments Incorporated
11
TPS2373
www.ti.com
SLUSCD1 – APRIL 2017
Product Folder Links: TPS2373
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Internal pass MOSFET is turned off
Classification current is disabled
PG, TPL and BT outputs are forced to high impedance
TPH output is turned on (low state)
PWM startup is enabled without any inrush delay
Maintain Power Signature (MPS) pulsed mode is enabled
This also gives adapter source priority over the PoE. A resistor divider (RAPD1–RAPD2 in Figure 10) provides
system-level ESD protection for the APD pin, discharges leakage from the blocking diode (DA in Figure 10) and
provides input voltage supervision to ensure that switch-over to the auxiliary voltage source does not occur at
excessively low voltages. If not used, connect APD to RTN.
Note that RAPD2 must be no more than 200 kΩ.
7.3.2 PG Power Good (Converter Enable) Pin Interface
PG is an active high output that is pulled to RTN when the device is in inrush phase. It remains in a high
impedance state at all other times. This pin is an open-drain output, and it may require a pullup resistor or other
interface to the downstream load. PG may be left open if it is not used.
The PG pin can be used to inhibit downstream converter startup by keeping the soft-start pin low. Figure 1 shows
an example where PG connects to the SS pin of a DC-DC controller. Because PG is an open drain output, it will
not affect the soft-start capacitor charge time when it deasserts. Another common use of the PG pin is to enable
a converter with an active-high enable input. In this case, PG may require a pullup resistor to either VDD, or to a
bias supply, depending on the requirements of the controller enable pin.
Figure 1. PG Interface
7.3.3 CLSA and CLSB Classification
Each of the two external resistors (RCLSA and RCLSB in Figure 10) connected between the CLSA (first and second
class event) and CLSB (third and any subsequent class event) pins and VSS provide a distinct classification
signature to the PSE, and are used to define the power class requested by the PD. The controller places a
voltage of approximately 2.5 V across CLSA (first or second class event) or CLSB (all additional class events)
external resistor whenever the voltage differential between VDD and VSS lies from about 10.9 V to 22 V. The
current drawn by each resistor, combined with the internal current drain of the controller and any leakage through
the internal pass MOSFET, creates the classification signature current. Table 1 lists the external resistor values
required for each of the PD power ranges defined by IEEE802.3bt. The number of classification cycles then
determines how much power is allocated by the PSE. The maximum average power drawn by the PD, plus the
power supplied to the downstream load, should not exceed the maximum power indicated in Table 1, as well as
the maximum power allocated by the PSE based on the number of classification cycles. Holding APD high
disables the classification signatures.


Número de pieza similar - TPS2373-3RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23730 TI-TPS23730 Datasheet
2Mb / 53P
[Old version datasheet]   TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
TPS23730RMTR TI1-TPS23730RMTR Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23730RMTT TI1-TPS23730RMTT Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23731 TI-TPS23731 Datasheet
2Mb / 53P
[Old version datasheet]   TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
More results

Descripción similar - TPS2373-3RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2372 TI1-TPS2372 Datasheet
923Kb / 43P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372 TI1-TPS2372_18 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372_018 TI1-TPS2372_018 Datasheet
947Kb / 45P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com