Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8160Z36BGT-200I Datasheet(PDF) 4 Page - GSI Technology

No. de pieza GS8160Z36BGT-200I
Descripción Electrónicos  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160Z36BGT-200I Datasheet(HTML) 4 Page - GSI Technology

  GS8160Z36BGT-200I Datasheet HTML 1Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 2Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 3Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 4Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 5Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 6Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 7Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 8Page - GSI Technology GS8160Z36BGT-200I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GS8160Z18/36BT-250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00 8/2004
4/23
© 2004, GSI Technology
100-Pin TQFP Pin Descriptions
Symbol
Type
Description
A0, A1
In
Burst Address Inputs; Preload the burst counter
A
In
Address Inputs
CK
In
Clock Input Signal
BA
In
Byte Write signal for data inputs DQA1-DQA9; active low
BB
In
Byte Write signal for data inputs DQB1-DQB9; active low
BC
In
Byte Write signal for data inputs DQC1-DQC9; active low
BD
In
Byte Write signal for data inputs DQD1-DQD9; active low
W
In
Write Enable; active low
E1
In
Chip Enable; active low
E2
In
Chip Enable; Active High. For self decoded depth expansion
E3
In
Chip Enable; Active Low. For self decoded depth expansion
G
In
Output Enable; active low
ADV
In
Advance/Load; Burst address counter control pin
CKE
In
Clock Input Buffer Enable; active low
NC
No Connect
DQA
I/O
Byte A Data Input and Output pins
DQB
I/O
Byte B Data Input and Output pins
DQC
I/O
Byte C Data Input and Output pins
DQD
I/O
Byte D Data Input and Output pins
ZZ
In
Power down control; active high
FT
In
Pipeline/Flow Through Mode Control; active low
LBO
In
Linear Burst Order; active low
VDD
In
Core power supply
VSS
In
Ground
VDDQ
In
Output driver power supply
NC
No Connect


Número de pieza similar - GS8160Z36BGT-200I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8160Z36BGT-200IV GSI-GS8160Z36BGT-200IV Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Descripción similar - GS8160Z36BGT-200I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com