Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ISA075V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-ISA075V1
Descripción Electrónicos  RoHS compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA075V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA075V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA075V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA075V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA075V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
January 2014
DocID025790 Rev 1
1/4
STEVAL-ISA075V1
Compact high efficiency DC-DC converter solution
based on the L6738
Data brief
Features
• Compact size (25.4 mm x 14.6 mm)
• 4 layers
• VIN < 6 V
• VOUT up to 3.5 V
• IOUT up to 8 A (depending on VOUT)
• FSW = 600 KHz
• Dual power MOS option (2 x STL 3x3 or 1 x
Dual SO8)
• CIN= 2 x GRM21BR60J226ME39 (22 uF,6.3 V,
0805)
• COUT = 2 or 3 x GRM31CC70G226KE01
(22 uF, 4 V, 1206)
• Dual choke options (WE 744310095 or VITEC
59Px8970)
• RoHS compliant
Description
The STEVAL-ISA075V1 product evaluation board
is a compact solution designed for testing the
performance of the L6738.
The L6738 is a single-phase step-down controller
with integrated high-current drivers that provides
complete control logic and protection for DC-DC
converters.
www.st.com


Número de pieza similar - STEVAL-ISA075V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ISA070V1 STMICROELECTRONICS-STEVAL-ISA070V1 Datasheet
300Kb / 4P
   3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in SO-8 package
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
   4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
STEVAL-ISA076V1 STMICROELECTRONICS-STEVAL-ISA076V1 Datasheet
85Kb / 4P
   Both linear and quasi-pulse operation
May 2011 Rev 2
STEVAL-ISA076V2 STMICROELECTRONICS-STEVAL-ISA076V2 Datasheet
94Kb / 4P
   USB compatible battery charger demo board with integrated power switch for Li-Ion/Li-Polymer based on the L6924U
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
   High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
More results

Descripción similar - STEVAL-ISA075V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com