Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ILL073V1 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STEVAL-ILL073V1
Descripción Electrónicos  Complete hardware and software package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL073V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-ILL073V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ILL073V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STEVAL-ILL073V1
Schematic diagram
DocID028832 Rev 1
5/8
Figure 6: STEVAL-ILL073V1 circuit schematic (6/9)
Figure 7: STEVAL-ILL073V1 circuit schematic (7/9)
Figure 8: STEVAL-ILL073V1 circuit schematic (8/9)
GSPG 1101161555SG
3.3V
SWIM
NRST
3.3V
CAN_RX
CAN_TX
3.3V
USART_RX
USART_TX
Daughter Board Connectors
CAN & SWIM Connector
J11
CAN_CON
J11
CAN_CON
1
2
3
4
J9
DAUTER_CON2
J9
DAUTER_CON2
1
2
3
4
5
J12
SWIM_CON
J12
SWIM_CON
1
2
3
4
J10
DAUTER_CON1
J10
DAUTER_CON1
1
2
3
4
BO OT1
BO OT0
GND
OSC_IN_USB
OSC_OUT _USB
OSC_OUT_USB
OSC_IN_USB
VDD
NR ST_USB
SW DIO
SW CLK
GND
VDD
VDD
VDD
OSC_IN_USB
UART_RX_ USB
OSC_OUT_USB
NR ST_USB
GND
VDD
USB DM_PA1 1
USB DP_PA1 2
SW DIO
GND
VDD
STM32 Section
C21
100n F
C21
100n F
C1
20p F
C1
20p F
SW 1
SW _PB_SPS T
SW 1
SW _PB_SPS T
C9
100n F
C9
100n F
C19
100n F
C19
100n F
C13
100n F
C13
100n F
U4
STM32 F103 T8U6
U4
STM32 F103 T8U6
VDD_2
27
VSS_2
26
PA13
25
PA12
24
PA11
23
PA10
22
PA9
21
PA8
20
VDD_1
19
VDD_3
1
OSC_IN/PD0
2
OSC_OUT/PD1
3
NRST
4
VSSA
5
VDDA
6
PA1
8
PA0-WKUP
7
PA2
9
C20
100n F
C20
100n F
J3
SW D Conne ctor
J3
SW D Conne ctor
1
2
3
4
5
R1
1M
R1
1M
R8
4.7K
R8
4.7K
C2
C2
20p F
J5
CON4
J5
CON4
1
2
3
4
GSPG1101161605SG
GSPG1101161610SG
USB_DM
USB_DP
USBDP_PA12
USBDM_PA11
USB_PU_PB3
USB_DP
USB_DM
USB SECTION
C23
15pF
U3
ESDAULC6-3BP6
U3
NC
2
GND
6
I/O2
3
I/O3
4
I/O1
1
C22
4.7nF
R10
22
C17
4.7nF
C18
15pF
R16
1M
R17
1.5k
R14
22
CN1
USB_VCC
1
USBDM
2
USBDP
3
USB_GND
5
SHELL
6
SHELL
7
SHELL
8
ID
4
SHELL
9


Número de pieza similar - STEVAL-ILL073V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ILL071V1 STMICROELECTRONICS-STEVAL-ILL071V1 Datasheet
899Kb / 6P
   Periodic self-tuning possible
March 2015 Rev 1
STEVAL-ILL072V1 STMICROELECTRONICS-STEVAL-ILL072V1 Datasheet
246Kb / 4P
   All automotive grade components
June 2015 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
   Short-circuit protection with auto restart
September 2015 Rev 1
More results

Descripción similar - STEVAL-ILL073V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
   A hardware and software guide for the STMPE801
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
   Handling hardware and software failures with the STM8S-DISCOVERY
AN3245 STMICROELECTRONICS-AN3245 Datasheet
348Kb / 19P
   A hardware and software guide for the STMPE1801 Xpander
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
   Hardware and software guidelines for use of the LPS331AP
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
logo
STMicroelectronics
AN4450 STMICROELECTRONICS-AN4450 Datasheet
586Kb / 26P
   Hardware and software guidelines for use of LPS25H pressure sensor
logo
PHOENIX CONTACT
5605861 PHOENIX-5605861 Datasheet
45Kb / 2P
   Software package - VLC-IRF-RTM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com