Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ISA121V1 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STEVAL-ISA121V1
Descripción Electrónicos  Complies with EuP Lot 6 requirements
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA121V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA121V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STEVAL-ISA121V1
Output characteristics
Doc ID 024066 Rev 1
3/6
2
Output characteristics
Figure 2.
Line and load regulation
Figure 3.
No load consumption
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.95
5.00
5.05
5.10
5.15
115Vac
230Vac
Output current [mA]
AM11343v1
50
100
150
200
250
300
10
15
20
25
30
35
40
45
50
55
60
65
No brownout
With brownout
Input voltage [Vac]
AM11345v1


Número de pieza similar - STEVAL-ISA121V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
   Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
February 2013 Rev 1
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
   5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
June 2013 Rev 1
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
   5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
December 2013 Rev 1
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
   16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
April 2013 Rev 1
More results

Descripción similar - STEVAL-ISA121V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
   Complying with EuP Lot 6 requirements
January 2013 Rev 1
STEVAL-ISA138V1 STMICROELECTRONICS-STEVAL-ISA138V1 Datasheet
115Kb / 4P
   Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
logo
ERNI Electronics
354112 ERNI-354112 Datasheet
81Kb / 1P
   FEDERLEISTE M 42-6 LOT
354108 ERNI-354108 Datasheet
82Kb / 1P
   FEDERLEISTE M 42-6 LOT
354226 ERNI-354226 Datasheet
81Kb / 1P
   FEDERLEISTE M 28-6 LOT
logo
Delta Electronics, Inc.
DPS-180KB-4 DELTA-DPS-180KB-4 Datasheet
298Kb / 1P
   Complies with TFX12V
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
   Complies with SFX 12V V2.1
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
   Complies with ATX 12V V1.1
logo
NXP Semiconductors
74HC08D-T PHILIPS-74HC08D-T Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
logo
List of Unclassifed Man...
MB970 ETC2-MB970 Datasheet
856Kb / 1P
   iSMART - for EuP/ErP power saving
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com