Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

STDV5804NT4G Datasheet(PDF) 3 Page - ON Semiconductor

No. de Pieza. STDV5804NT4G
Descripción  Power MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

STDV5804NT4G Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTD5804N, NTDV5804N, SVD5804N
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
3
2.5
2
1.5
1
0.5
0
0
10
20
30
50
70
80
90
6
5
4
3
2
0
50
75
Figure 3. On−Resistance vs. Drain Current
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
8
7
6
5
0.005
0.009
0.011
0.013
0.015
0.017
70
30
10
50
0
0.03
0.04
0.05
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
75
50
25
0
−25
−50
0.7
0.8
0.9
1.2
1.3
1.4
1.6
1.8
42
32
22
12
2
10
1000
10,000
40
10 V
4.5 V
VGS = 7, 6, 5.8, 5.5, 5.2, 5 V
4.0 V
3.5 V
TJ = 25°C
25
100
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
ID = 30 A
TJ = 25°C
0.02
0.01
VGS = 5 V
TJ = 25°C
VGS = 10 V
125
150
175
1.0
1.1
1.5
1.7
VGS = 10 V
ID = 69 A
TJ = 100°C
TJ = 150°C
VGS = 0 V
60
20
40
100
0.019
0.021
49
1.9
100
0.007
60
80


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn