Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5902-EVALZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADL5902-EVALZ
Descripción Electrónicos  50 MHz to 9 GHz 65 dB TruPwr Detector
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5902-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADL5902-EVALZ Datasheet HTML 1Page - Analog Devices ADL5902-EVALZ Datasheet HTML 2Page - Analog Devices ADL5902-EVALZ Datasheet HTML 3Page - Analog Devices ADL5902-EVALZ Datasheet HTML 4Page - Analog Devices ADL5902-EVALZ Datasheet HTML 5Page - Analog Devices ADL5902-EVALZ Datasheet HTML 6Page - Analog Devices ADL5902-EVALZ Datasheet HTML 7Page - Analog Devices ADL5902-EVALZ Datasheet HTML 8Page - Analog Devices ADL5902-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZO = 50 Ω, single-ended input drive, RT = 60.4 Ω, VOUT connected to VSET, VTGT = 0.8 V, CLPF = 0.1 μF. Negative
current values imply that the ADL5902 is sourcing current out of the indicated pin.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
50 to 9000
MHz
RF INPUT INTERFACE
Pins INHI, INLO, ac-coupled
Input Impedance
Single-ended drive, 50 MHz
2000
Ω
Common Mode Voltage
2.5
V
100 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C, VTADJ = 0.5 V
63
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
3
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
−0.11/+0.25
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.22/+0.15
dB
−40°C < TA < +125°C; PIN = 0 dBm
−0.35/+0.25
dB
−40°C < TA < +125°C; PIN = −45 dBm
−0.22/+0.15
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.8
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.1
dBm
700 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C,VTADJ = 0.4 V
61
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.1/0
dB
−40°C < TA < +125°C; PIN = 0 dBm
+0.3/−0.4
dB
−40°C < TA < +125°C; PIN = −45 dBm
−0.1/0
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.7
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.8
dBm
900 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C, VTADJ = 0.4 V
61
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C; PIN = −45 dBm
0/−0.1
dB
−40°C < TA < +125°C; PIN = 0 dBm
+0.3/−0.4
dB
−40°C < TA < +125°C; PIN = −45 dBm
0/−0.1
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.7
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.7
dBm


Número de pieza similar - ADL5902-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Descripción similar - ADL5902-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
   50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com